データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU21024FV-ME2 データシート(PDF) 8 Page - Rohm

部品番号 BU21024FV-ME2
部品情報  Resistive Type Touch Screen Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU21024FV-ME2 データシート(HTML) 8 Page - Rohm

Back Button BU21024FV-ME2 Datasheet HTML 4Page - Rohm BU21024FV-ME2 Datasheet HTML 5Page - Rohm BU21024FV-ME2 Datasheet HTML 6Page - Rohm BU21024FV-ME2 Datasheet HTML 7Page - Rohm BU21024FV-ME2 Datasheet HTML 8Page - Rohm BU21024FV-ME2 Datasheet HTML 9Page - Rohm BU21024FV-ME2 Datasheet HTML 10Page - Rohm BU21024FV-ME2 Datasheet HTML 11Page - Rohm BU21024FV-ME2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Technical Note
8/17
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BU21023GUL,BU21023MUV,BU21024FV-M
BU21024FV-M】
Screen I/F
4-wire or 8-wire resistive touch screen interface
ADC
10bit A/D converter
OSC
Internal 20MHz oscillator block with optional external clock input
Regulator
Internal regulator provides 1.8V DVDD supply. DVDD can also be supplied from an
external source if DVDD_EXT pin is tied high.
Clock Generator
System clock and timing generation (10MHz CPU clock)
CPU Core
For dual touch processing, programmability and host interface
Work memory
Data memory for CPU
Program Memory
Program memory for CPU. Code can be downloaded by host processor or from an
external EEPROM
EEPROM I/F
To connect to external EEPROM if downloading program memory from EEPROM. Use
of external EEPROM is optional.
Host I/F
4-wire SPI or 2-wire I
2C like interface provides access to registers
Panel
I/F
Regulator
Osc
ADC
(10bit)
Filter
CPU
(8bit)
Work
memory
Program
memory
EEPROM
I/F
Host
I/F
register
Clock
generator
CLK_EXT
XP
XPM
ECL
EDA
SO
INT
YP
YPM
XN
XNM
YN
YNM
IFSEL
SEL_CSB
SCL_SCK
SDA_SI


同様の部品番号 - BU21024FV-ME2

メーカー部品番号データシート部品情報
logo
Rohm
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

同様の説明 - BU21024FV-ME2

メーカー部品番号データシート部品情報
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com