データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU24033GW データシート(PDF) 3 Page - Rohm

部品番号 BU24033GW
部品情報  Silicon monolithic integrated circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU24033GW データシート(HTML) 3 Page - Rohm

  BU24033GW Datasheet HTML 1Page - Rohm BU24033GW Datasheet HTML 2Page - Rohm BU24033GW Datasheet HTML 3Page - Rohm BU24033GW Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
REV. A
◇Pin functions
◇Outline dimensions/Marking figure
Land
Matrix No.
Pin name
Power
supply
Function
E6
DVDD
-
Digital power supply
D6
DVDDIO
-
I/O power supply
F6
DVSS
-
ground
A6
FCLK
DVDDIO
FCLK logic input
E2
CSB
DVDDIO
CSB logic input
F4
SCLK
DVDDIO
SCLK logic input
F3
SDATA
DVDDIO
SDATA logic input
F2
SOUT
DVDDIO
SOUT logic output
D2
IN6 / IN5A
DVDDIO
IN6 / IN5A logic input
B5
STATE1
DVDDIO
STATE1 logic input/output
B4
STATE2
DVDDIO
STATE2 logic input/output
G1
TEST
DVDDIO
TEST logic output
E7
PIOUT1
DVDD
PI driving output 1
G7
PIOUT2
DVDD
PI driving output 2
B3
SI1
DVDD
Waveforming input1
B2
SO1
DVDD
Waveforming output1
D7
SI2
DVDD
Waveforming input2
F7
SO2
DVDD
Waveforming output2
F5
SI3 / IN5B
DVDD
Waveforming input3 / IN5B logic input
C2
SO3
DVDD
Waveforming output3
A2
MVCC12
-
1ch, 2ch Driver power supply
A4
MGND126
-
1ch, 2ch, 6ch Driver ground
A1
OUT1A
MVCC12
1ch Driver A output
B1
OUT1B
MVCC12
1ch Driver B output
A3
OUT2A
MVCC12
2ch Driver A output
A5
OUT2B
MVCC12
2ch Driver B output
G5
MVCC34
-
3ch, 4ch Driver power supply
F1
MGND345
-
3ch, 4ch, 5ch Driver ground
G6
OUT3A
MVCC34
3ch Driver A output
G4
OUT3B
MVCC34
3ch Driver B output
G3
OUT4A
MVCC34
4ch Driver A output
G2
OUT4B
MVCC34
4ch Driver B output
D1
MVCC5
-
5ch Driver power supply
C1
OUT5A
MVCC5
5ch Driver A output
E1
OUT5B
MVCC5
5ch Driver B output
C6
VDDAMP
-
6ch Power supply of current driver control
A7,B6
RNF6
-
6ch Driver power supply
C7
OUT6A
RNF6
6ch Driver A output
B7
OUT6B
RNF6
6ch Driver B output
◇Pin assignment diagram (bottom view)
◇Cautions on use
(1)Absolute maximum ratings
If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be damaged. Do not apply
voltages or temperatures that exceed the absolute maximum ratings.
If you expect that any voltage or temperature could be exceeding
the absolute maximum ratings, take physical safety measures such as fuses to prevent any conditions exceeding the absolute maximum
ratings from being applied to the LSI.
(2)GND potential
Maintain the GND pin at the minimum voltage even under any operating conditions.
Actually check to be sure that none of the pins have voltage lower than that of GND pin, including transient phenomena.
(3)Thermal design
With consideration given to the permissible dissipation under actual use conditions, perform thermal design so that adequate margins
will be provided.
(4)Short circuit between pins and malfunctions
To mount the LSI on a board, pay utmost attention to the orientation and displacement of the LSI.
Faulty mounting to apply a voltage
to the LSI may cause damage to the LSI.
Furthermore, the LSI may also be damaged if any foreign matters enter between pins,
between pin and power supply, or between pin and GND of the LSI.
(5)Operation in strong magnetic field
Make a thorough evaluation on use of the LSI in a strong magnetic field.
Not doing so may malfunction the LSI.
TEST
OUT4B
OUT4A
OUT3B
MVCC34
OUT3A
PIOUT2
MGND345
SOUT
SDATA
SCLK
SI3/IN5B
DVSS
SO2
OUT5B
CSB
DVDD
PIOUT1
MVCC5
IN6/IN5A
DVDDIO
SI2
OUT5A
SO3
VDDAMP
OUT6A
OUT1B
SO1
SI1
STATE2
STATE1
RNF6
OUT6B
OUT1A
MVCC12
OUT2A
MGND126
OUT2B
FCLK
RNF6
B
G
F
E
D
67
A
12345
C
Lot No.
U24033
UCSP75M3


同様の部品番号 - BU24033GW

メーカー部品番号データシート部品情報
logo
Rohm
BU24033GW ROHM-BU24033GW Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW-E2 ROHM-BU24033GW-E2 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
More results

同様の説明 - BU24033GW

メーカー部品番号データシート部品情報
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com