データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2902DGKR データシート(PDF) 1 Page - Rohm

部品番号 LM2902DGKR
部品情報  TROPHY SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM2902DGKR データシート(HTML) 1 Page - Rohm

  LM2902DGKR Datasheet HTML 1Page - Rohm LM2902DGKR Datasheet HTML 2Page - Rohm LM2902DGKR Datasheet HTML 3Page - Rohm LM2902DGKR Datasheet HTML 4Page - Rohm LM2902DGKR Datasheet HTML 5Page - Rohm LM2902DGKR Datasheet HTML 6Page - Rohm LM2902DGKR Datasheet HTML 7Page - Rohm LM2902DGKR Datasheet HTML 8Page - Rohm LM2902DGKR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
General-purpose Operational Amplifiers / Comparators
TROPHY SERIES
Operational Amplifiers
LM358DR/PWR/DGKR,LM2904DR/PWR/DGKR/VQDR/VQPWR
LM324DR/PWR/KDR,LM2902DR/PER/KDR/KPWR/KVQDR/KVQPWR
Description
The Universal Standard family LM358 / 324 and
LM2904 / 2902 monolithic ICs integrate two independent
op-amp circuits and phase compensation capacitors
on a single chip, feature high gain and low power
consumption, and possess an operating voltage range
between 3[V]and 32[V] (single power supply.)
Features
1) Operating temperature range
Commercial Grade
LM358/324 family
:
0[℃] to + 70[℃]
Extended Industrial Grade
LM2904/2902 family :
-40[℃] to +125[℃]
2) Wide operating voltage range
+3[V] to +32[V] (single supply)
±
1.5[V] to ±16[V] (dual supply)
3) Low supply current
4) Common-mode input voltage range, including ground
5) Differential input voltage range equal to maximum ratedsupply voltage
6) High large signal voltage gain
7) Wide output voltage range
Pin Assignment
No.11094EBT02
TROPHY
SERIES
LM358 family
LM324 family
Quad
LM2904 family
LM2902 family
LM358DR
LM358PWR
LM358DGKR
LM324DR
LM324PWR
LM324KDR
LM2904DR
LM2904PWR
LM2904DGKR
LM2904VQDR
LM2904VQPWR
LM2902DR
LM2902PWR
LM2902KDR
LM2902KPWR
LM2902KVQDR
LM2902KVQPWR
Dual
LM324KDR
LM324DR
TSSOP8
TSSOP14
LM358DR
LM358PWR
LM2904PWR
LM358DGKR
LM2904DR
LM2904VQDR
LM2904VQPWR
MSOP8/VSSOP8
LM2902KVQDR
LM2904DGKR
LM2902DR
LM2902KDR
SOIC8
SOIC14
LM2902PWR
LM324PWR
LM2902KPWR
LM2902KVQPWR
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN-
1IN+
Vcc
2IN+
2IN-
2OUT
4OUT
4IN-
4IN+
GND
3IN+
3IN-
3OUT
1OUT 1
2
3
4
1IN-
1IN+
GND
Vcc
2OUT
2IN-
2IN+
8
7
6
5
+ -


同様の部品番号 - LM2902DGKR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2902DG ONSEMI-LM2902DG Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM2902DG ONSEMI-LM2902DG Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM2902DG ONSEMI-LM2902DG Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
logo
Texas Instruments
LM2902DG4 TI-LM2902DG4 Datasheet
598Kb / 24P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM2902DG4 TI-LM2902DG4 Datasheet
759Kb / 29P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

同様の説明 - LM2902DGKR

メーカー部品番号データシート部品情報
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM358DT ROHM-LM358DT_11 Datasheet
974Kb / 18P
   SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com