データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2904DR データシート(PDF) 9 Page - Rohm

部品番号 LM2904DR
部品情報  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM2904DR データシート(HTML) 9 Page - Rohm

Back Button LM2904DR Datasheet HTML 5Page - Rohm LM2904DR Datasheet HTML 6Page - Rohm LM2904DR Datasheet HTML 7Page - Rohm LM2904DR Datasheet HTML 8Page - Rohm LM2904DR Datasheet HTML 9Page - Rohm LM2904DR Datasheet HTML 10Page - Rohm LM2904DR Datasheet HTML 11Page - Rohm LM2904DR Datasheet HTML 12Page - Rohm LM2904DR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Technical Note
9/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data LM2904 family
(*)The data above is ability value of sample, it is not guaranteed.
-8
-6
-4
-2
0
2
4
6
8
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-10
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
-1
01234
5
INPUT VOLTAGE [Vin]
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
010
20
30
40
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Input Bias Current – Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
-10
-5
0
5
10
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
60
70
80
90
100
110
120
130
140
4
6
8
1012
1416
SUPPLY VOLTAGE [V]
60
70
80
90
100
110
120
130
140
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
Input Offset Voltage – Common Mode Input Voltage
(VCC=5[V])
Input Bias Current – Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Input Offset Voltage – Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
3V
32V
5V
125℃
-40℃
25℃
Input Bias Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
5V
Input Offset Current – Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
-40℃
25℃
125℃
Input Offset Current – Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
32V
5V
-40℃
25℃
125℃
-40℃
105℃
25℃
Large Signal Voltage Gain
– Ambient Temperature
(RL=2[kΩ])
15V
5V
-40℃
125℃
25℃
Common Mode Rejection Ratio
– Supply Voltage
Common Mode Rejection Ratio
– Ambient Temperature
5V
3V
32V
Power Supply Rejection Ratio
– Ambient Temperature
Large Signal Voltage Gain – Supply Voltage
(RL=2[kΩ])
105℃
125℃
105℃
105℃
32V
105℃
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
LM2904 family
Fig. 61
Fig. 62
Fig. 63
Fig. 64
Fig. 65
Fig. 66
Fig. 67
Fig. 68
Fig. 69
Fig. 70
Fig. 71
Fig. 72
[V]
36V


同様の部品番号 - LM2904DR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2904DR TI-LM2904DR Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904DR TI1-LM2904DR Datasheet
1Mb / 41P
[Old version datasheet]   Dual Operational Amplifiers
LM2904DR TI1-LM2904DR Datasheet
3Mb / 62P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
LM2904DR TI-LM2904DR Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904DR TI1-LM2904DR Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

同様の説明 - LM2904DR

メーカー部品番号データシート部品情報
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com