データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM339DGKR データシート(PDF) 3 Page - Rohm

部品番号 LM339DGKR
部品情報  TROPHY SERIES Comparators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LM339DGKR データシート(HTML) 3 Page - Rohm

  LM339DGKR Datasheet HTML 1Page - Rohm LM339DGKR Datasheet HTML 2Page - Rohm LM339DGKR Datasheet HTML 3Page - Rohm LM339DGKR Datasheet HTML 4Page - Rohm LM339DGKR Datasheet HTML 5Page - Rohm LM339DGKR Datasheet HTML 6Page - Rohm LM339DGKR Datasheet HTML 7Page - Rohm LM339DGKR Datasheet HTML 8Page - Rohm LM339DGKR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
LM393DR/PWR/DGKR,LM2903DR/PWR/DGKR/VQDR/VQPWR
LM339DR/PWR,LM2901DR/PWR/VQDR/VQPWR
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LM2903/2901 family(Unless otherwise specified, Vcc=+5[V])
Parameter
Symbol
Temperature
range
Limits
Unit
Condition
Fig.
No
LM2903 family
LM2901 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage
(*2)
VIO
25℃
2
7
2
7
mV
Vcc=5 to MAX
),VO=1.4[V]
VIC=VIC (min)
88
Full range
15
15
Input Offset Current
(*2)
IIO
25℃
5
50
5
50
nA
VO=1.4[V]
88
Full range
200
200
Input Bias Current
(*2)
IIB
25℃
25
250
25
250
nA
VO=1.4[V]
88
Full range
500
500
Common-mode Input
Voltage Range
VICR
25℃
Vcc
-1.5
Vcc
-1.5
V
88
Full range
Vcc
-2.0
Vcc
-2.0
Large Signal Differential
Voltage Amplification
AVD
25℃
25
100
25
100
V/mV
Vcc=15[V],VOUT=1.4 to 11.4[V],
RL≧15[kΩ],VRL=15[V]
88
High Level
Output Current
IOH
25℃
0.1
0.1
nA
VID=1[V], VOH=5[V]
89
Full range
1
1
μA
VID=1[V], VOH=MAX
Low Level
Output
Voltage
LM2901
(*3)
VOL
25℃
150
400
150
500
mV
VIN(-)=1[V],VIN(+)=0[V]
ISINK≦4[mA]
89
LM2901V
(*3)
25℃
150
400
150
400
Full range
700
700
Low Level Output Current
IOL
25℃
6
16
6
16
mA
VID=-1[V], VOL=1.5[V]
89
Supply Current
ICC
25℃
0.8
2
0.8
2
mA
RL=∞,Vcc=5V
89
1
2.5
1
2.5
RL=∞,Vcc=MAX(*7)
Response Time
Tre
25℃
1.3
1.3
μs
RL=5.1[Ω],VRL=5[V],CL=15pF
VIN=100[mVp-p],
Overdrive=5[mV]
89
0.3
0.3
RL=5.1[kΩ],VRL=5[V], CL=15pF
VIN=TTL-Level input step
Vref=1.4[V]
(*2) Absolute value
(*3) Supply Voltage Maximum Value LM2901DR, LM2901PWR MAX=30[V], LM2901VQDR, LM2901VQPWR MAX=32[V]


同様の部品番号 - LM339DGKR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM339DG ONSEMI-LM339DG Datasheet
105Kb / 10P
   Single Supply Quad Comparators
July, 2004 ??Rev. 13
LM339DG ONSEMI-LM339DG Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
LM339DG ONSEMI-LM339DG Datasheet
159Kb / 12P
   Single Supply Quad Comparators
November, 2010 ??Rev. 19
LM339DG ONSEMI-LM339DG Datasheet
119Kb / 11P
   Single Supply Quad Comparators
October, 2016 ??Rev. 23
logo
Texas Instruments
LM339DG4 TI-LM339DG4 Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results

同様の説明 - LM339DGKR

メーカー部品番号データシート部品情報
logo
Rohm
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393MX ROHM-LM393MX_11 Datasheet
709Kb / 17P
   NOW SERIES Comparators
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
   Comparators
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
   Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
   Dual Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com