データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP60CA データシート(PDF) 1 Page - Micro Commercial Components

部品番号 3KP60CA
部品情報  3000Watts Transient Voltage Suppressor 5.0 to 220 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

3KP60CA データシート(HTML) 1 Page - Micro Commercial Components

  3KP60CA Datasheet HTML 1Page - Micro Commercial Components 3KP60CA Datasheet HTML 2Page - Micro Commercial Components 3KP60CA Datasheet HTML 3Page - Micro Commercial Components 3KP60CA Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mechanical Data
.
3KP5.0(C)(A)
THRU
3KP220(C)(A)
3000Watts Transient
Voltage Suppressor
5.0 to 220 Volts
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
TM
Micro Commercial Components
Marking : Cathode band(For Uni-directional ) and type number
.
Suffix "C" of part number denotes Bi-directional unit.
.
www.mccsemi.com
1 of 4
.
Electrical Characteristics @ 25OC Unless Otherwise Specified
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on
10/1000us waveform (Note
2,FIG.1)
Peak Forward Surge Current,
8.3ms Single Half Sine-Wave
Superimposed on Rated Load,
(JEDEC Method) (Note
4)
Steady State Power Dissipation at
TL = 75
oC , Lead lengths.375",
(9.5mm) (Note
3)
Operating junction and Storage
Temperature Range
P
PPM
I
M(AV)
P
FSM
P
J
, TSTG
Minimum
3000
-55 to
+ 175
300
8
Watts
Amps
Watts
o
C
Notes :
Revision:
A
20
11/01/01
Features
3000 Watts Peak Power
.
Low Inductance
Unidirectional and Bidirectional unit
Voltage Range: 5.0 to 220 Volts.
UL Recognized File # E331408
.
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
.
1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
per minutes maximum.
3.Mounted on Copper Pad area of 1.6¡Á1.6" (40¡Á40mm) per Fig. 5.
4.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses
2.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25 per Fig. 2 .
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
.


同様の部品番号 - 3KP60CA

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
3KP60CA PANJIT-3KP60CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP60CA RUILON-3KP60CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Jinan Jingheng (Group) ...
3KP60CA JINANJINGHENG-3KP60CA Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Surge Components
3KP60CA SURGE-3KP60CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP60CA SOCAY-3KP60CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

同様の説明 - 3KP60CA

メーカー部品番号データシート部品情報
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
logo
Zibo Seno Electronic En...
SMDJ ZSELEC-SMDJ Datasheet
81Kb / 5P
   5.0 to 170Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com