データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA01J12207DQ データシート(PDF) 4 Page - C&K Components

部品番号 CA01J12207DQ
部品情報  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CA01J12207DQ データシート(HTML) 4 Page - C&K Components

  CA01J12207DQ Datasheet HTML 1Page - C&K Components CA01J12207DQ Datasheet HTML 2Page - C&K Components CA01J12207DQ Datasheet HTML 3Page - C&K Components CA01J12207DQ Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CA Series
Power Rocker Switches
CONTACT MATERIAL
ON
OFF
O
O
I
SP
ACTUATOR MARKINGS
07
QUICK CONNECT
TERMINATIONS
NONE NO MARKING
D ON-OFF
H O |
P O –
NOTE: Orientation of actuator
markings and terminals
Marking color white, standard for all actuator colors except white and yellow. Marking color black, standard for
white and yellow actuators. Consult Customer Service Center for other available markings and colors.
1.126
(28,60)
.118–.177
(3,00) (4,50)
1.110
(28,20)
.078–.118
(2,00) (3,00)
1.102
(28,00)
.059–.078
(1,50) (2,00)
DIM ‘A’
PANEL THICKNESS
1 CONTACTS: Coin silver, silver plated.
TERMINALS: Copper, silver plated.
All models
with all options.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
16 AMPS @ 125 VAC; 1/3 HP;
10 AMPS @ 250 VAC, 1/2 HP
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER
POWER
OPTION
CODE
QA
G–108
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


同様の部品番号 - CA01J12207DQ

メーカー部品番号データシート部品情報
logo
ITT Industries
CA01J12207DQ ITT-CA01J12207DQ Datasheet
253Kb / 4P
   Power Rocker Switches
More results

同様の説明 - CA01J12207DQ

メーカー部品番号データシート部品情報
logo
C&K Components
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
CA01J12207Q ITT-CA01J12207Q Datasheet
253Kb / 4P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com