データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML012BC4T データシート(PDF) 3 Page - Rohm

部品番号 SML012BC4T
部品情報  Reflector type (3.0 x 2.0mm, t=1.3mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML012BC4T データシート(HTML) 3 Page - Rohm

  SML012BC4T Datasheet HTML 1Page - Rohm SML012BC4T Datasheet HTML 2Page - Rohm SML012BC4T Datasheet HTML 3Page - Rohm SML012BC4T Datasheet HTML 4Page - Rohm SML012BC4T Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rank Reference of Brightness
Red (V, U)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML-012V8T
SML-013UT
SML-012U8T
SML-012UT
SML-011UT
Orange (D)
(Ta=25˚C, IF=20mA)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML-011DT
SML-012D8T
SML-012DT
Yellow (Y)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML-011YT
SML-012Y8T
SML-012YT
SML-013YT
(Ta=25˚C, IF=20mA)
Green (M, P, E)
Package
size(mm)
Luminous
Intensity
(mcd)
Height(mm)
J
K
L
M
N
P
Q
R
S
T
U
V
W
X
2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600
Chip LEDs
with
reflector
3020
1.3
SML012EC4T
SML-012M8T
SML012ECT
SML-012P8T
(Ta=25˚C, IF=20mA)
Blue (B)
White (WB)
SML-012(A)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
W
0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14
14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900
Chip LEDs
with
Reflector
3020
1.3
SML012BC4T
SML012BCT
SML013BDT
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=5mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
P
Q
R
S
T
U
V
W
X1
X2
Y1
Y2
Z1
25 to 36
36 to 56
56 to 90 90 to 140 140 to 220220 to 360360 to 560560 to 900 900 to 1100 1100 to 1400 1400 to 1800 1800 to 2200 2200 to 2800
Chip LEDs
with reflector 3020
1.3
SML013WBDW
※Brightness on specification sheet include tolerance of within ±10%.
※Brightness on specification sheet include tolerance of within ±10%.
※Brightness on specification sheet include tolerance of within ±10%.
※Brightness on specification sheet include tolerance of within ±10%.
(Ta=25˚C, IF=20mA)
Package
size
(mm)
Luminous
Intensity
(mcd)
Height(mm)
AG
AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
9.0 to 11.2 11.2 to 14 14 to 18 18 to 22.4 22.4 to 28 28 to 35.5 35.5 to 45 45 to 56 56 to 71 71 to 90 90 to 112 112 to 140 140 to 180 180 to 224 224 to 280 280 to 355 355 to 450 450 to 560
Chip LEDs
with
Reflector
3020
1.3
SML-012VT(A)
SML-012WT(A)
SML-012PT(A)
*Please note that the brightness of some products may fall between ranks (half rank).
Chromaticity Diagram (White)
0.2
0.2
0.3
0.4
0.3
0.4
CIE x
A
B
C
SML-01 series
3/4
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


同様の部品番号 - SML012BC4T

メーカー部品番号データシート部品情報
logo
Rohm
SML012BC4T ROHM-SML012BC4T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML012BC4T ROHM-SML012BC4T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012BC4T ROHM-SML012BC4T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012BC4T ROHM-SML012BC4T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
SML012BC4TT86 ROHM-SML012BC4TT86 Datasheet
1Mb / 11P
   SML012x/013x Series
2021.12 - Rev.005
More results

同様の説明 - SML012BC4T

メーカー部品番号データシート部品情報
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-013UTT86 ROHM-SML-013UTT86 Datasheet
1Mb / 11P
   Reflector type (3.0x2.0mm, t 1.3mm)
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
LUMEX INC.
SML-LXT0805SIUGUBW LUMEX-SML-LXT0805SIUGUBW Datasheet
107Kb / 2P
   2.0mm X 1.3mm PCB SURFACE MOUNT
logo
STANLEY ELECTRIC CO.,LT...
BRPY1204W STANLEY-BRPY1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
BRBG1204W STANLEY-BRBG1204W Datasheet
311Kb / 14P
   Bi-Color Type(3.0 x 2.0mm), Milky White resin
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Kingbright Corporation
AA3020EC KINGBRIGHT-AA3020EC Datasheet
133Kb / 6P
   3.0 x 2.0mm SINGLE COLOR SURFACE
KPK-3020PBC KINGBRIGHT-KPK-3020PBC Datasheet
95Kb / 4P
   3.0 X 2.0mm SMD SHIP LED LAMP
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com