データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC847CT データシート(PDF) 2 Page - Micro Commercial Components

部品番号 BC847CT
部品情報  NPN Surface Mount Small Signal Transistor 150mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC847CT データシート(HTML) 2 Page - Micro Commercial Components

  BC847CT Datasheet HTML 1Page - Micro Commercial Components BC847CT Datasheet HTML 2Page - Micro Commercial Components BC847CT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
Test Condition
OFF CHARACTERISTICS
hFE
DC Current Gain
(Note 2)
Current Gain A
B
C
110
200
420
---
290
520
222
450
800
---
VCE=5.0V, IC=2.0mA
VCE(SAT)
Collector-Emitter Saturation Voltage
(Note 2)
---
---
250
600
mV
IC=10mA, IB=0.5mA
IC=100mA, IB=5.0mA
VBE(SAT)
Base-Emitter Saturation Voltage
(Note 2)
---
700
900
---
mV
VBE(ON)
Base-Emitter Voltage (Note 2)
580
---
660
---
700
770
mV
VCE=5.0V, IC=2.0mA
VCE=5.0V, IC=10mA
ICBO
ICBO
Collector-Cutoff Current (Note 2)
---
---
---
---
15
5.0
nA
µA
VCB=30V, IE=0
VCB=30V, Tj=125
fT
Gain Bandwidth Product
100
---
---
MHz
VCE=5.0V, IC=10mA,
f=100MHz
CCBO
Collector-Base Capacitance
---
---
4.5
pF
VCB=10V, f=1.0MHz
NF
Noise Figure
BC847BT
BC847CT
---
---
10
4.0
dB
VCE=5V,RS=2.0Kohm,
f=1.0MHz,BW=200HZ
Note: 2. Short duration pulse test used to minimize self-heating effect.
MCC
BC847AT, BT, CT
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
IC=10mA, IB=0.5mA
IC=100mA, IB=5.0mA
Revision: A
2011/01/01


同様の部品番号 - BC847CT

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
BC847CT NXP-BC847CT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Diodes Incorporated
BC847CT DIODES-BC847CT Datasheet
59Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
NXP Semiconductors
BC847CT PHILIPS-BC847CT Datasheet
131Kb / 18P
   45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
logo
Infineon Technologies A...
BC847CT INFINEON-BC847CT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
More results

同様の説明 - BC847CT

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BC847AT MCC-BC847AT Datasheet
84Kb / 3P
   NPN Surface Mount Small Signal Transistor 150mW
BC847AT MCC-BC847AT_13 Datasheet
237Kb / 3P
   NPN Surface Mount Small Signal Transistor 150mW
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com