データシートサーチシステム |
|
SML-E12UW データシート(PDF) 1 Page - Rohm |
|
SML-E12UW データシート(HTML) 1 Page - Rohm |
1 / 4 page Data Sheet 1.6 0.8 Terminal 1.2 Cathode mark 0.8 *1:Duty1/5, 200Hz / *2:Duty1/10, 1kHz *3:Reference Part No. Chip Structure Emitting Color Absolute Maximum Ratings (Ta=25℃) Electrical and Optical Characteristics (Ta=25℃) Power Dissipation PD(mW) Forward Current IF(mA) Peak Forward Current IFP(mA) Reverse Voltage VR(V) Operating Temperature Topr(℃) Storage Temperature Tstg(℃) Forward Voltage VF Reverse Current IR Dominant Wavelength λD Luminous Intensity IV Typ. (V) IF(mA) Max. (μA) VR(V) Min.* 3 (nm) Typ. (nm) Max.* 3 (nm) IF(mA) Min. (mcd) Typ. (mcd) IF(mA) ■ SML-E12V8W AIGaInP on GaAs Red 54 20 100* 2 5 -40 to +85 -40 to +100 2.2 20 10 4 625 630 635 20 16 40 20 ■SML-E12UW 62 25 60* 1 4 -30 to +85 -40 to +85 2.1 619 624 629 36 100 ■SML-E12U8W 54 20 100* 2 5 -40 to +85 -40 to +100 2.2 615 620 625 25 63 ■ SML-E12DW Orange 62 25 60* 1 4 -30 to +85 -40 to +85 1.9 603.5 606.5 609.5 56 200 ■ SML-E12D8W 54 20 100* 2 5 -40 to +85 -40 to +100 2.2 602 605 608 40 100 ■ SML-E12Y8W Yellow 587 590 593 25 63 ■ SML-E12M8W Yellowish Green 569 572 575 10 25 ■ SML-E12P8W Green 557 560 563 2.5 6.3 ■ SMLE12EC6T InGaN Bluish Green 68 -30 to +85 3.0 5 5 520 527 535 5 36 85 5 ■ SMLE12BC7T Blue 66 2.9 464 470 476 9 22 ■ SMLE12WBC7W White 100 (x, y) (0.30, 0.30) 22 71 Color Type V U D Y M P E B WB SML-E1 Series Features ・EXCELEDTM series ・Compact, Thin size (1.6×0.8mm, t=0.36mm) ・LED die consists of 4 elements ・Original device technology enables high brightness and high reliability 1608(0603) 1.6×0.8mm(t=0.36mm) RELATIVE INTENSITY(%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° ANGULAR DISPLACEMENT(deg) X - Y X' - Y' RELATIVE INTENSITY(%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE(deg) RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° ANGULAR DISPLACEMENT (deg) X’ - Y’ RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE (deg) X - Y SML-E12 Series / SML-E12□8 Series SMLE12 Series Tolerance : ±0.1 (unit : mm) SML-E12□8 series SML-E12 series SMLE12BC7T / EC6T SMLE12WBC7W Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) Directivity (deg) RELATIVE INTENSITY (%) (unit : mm) Specifications Dimensions Recommended Solder Pattern Viewing Angle EXCELEDTM is ROHM's pending tradmark. 1/3 © 2011 ROHM Co., Ltd. All rights reserved. www.rohm.com 2011.05 - Rev.B |
同様の部品番号 - SML-E12UW |
|
同様の説明 - SML-E12UW |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |