データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


BC847PN データシート(Datasheet) 2 Page - Micro Commercial Components

部品番号. BC847PN
部品情報  PNP and NPN Small Signal Transistor 200mW
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo 

   
 2 page
background image
Revision: A
2011/01/01
BC847PN
Micro Commercial Components
MCC
TM
CHARACTERISTICS of
NPN Transistor (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=10µA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=10mA,IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=1µA,IC=0
6
V
Collector cut-off current
ICBO
VCB=30V,IE=0
15
nA
Emitter cut-off current
IEBO
VEB=5V,IC=0
100
nA
DC current gain
hFE1
VCE=5V,IC=2mA
200
450
VCE(sat)
IC=10mA,IB=0.5mA
0.25
V
Collector-emitter saturation voltage
VCE(sat)
IC=100mA,IB=5mA
0.6
V
VBE(sat)
IC=10mA,IB=0.5mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA,IB=5mA
0.9
V
VBEon
VCE=5V,IC=2mA
0.58
0.7
V
Base-emitter voltage
VBEon
VCE=5V,IC=10mA
0.72
V
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
6.0
pF
Transition frequency
fT
VCE=5V,IC=10mA,f=100MHz
100
MHz
Noise figure
NF
VCE=5V,Ic=0.2mA,
f=1kHZ,Rg=2K , f=200Hz
10
dB
CHARACTERISTICS of PNP Transistor (Tamb=25
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-10µA,IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-10mA,IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-15
nA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA
DC current gain
hFE1
VCE=-5V,IC=-2mA
220
475
VCE(sat)
IC=-10mA,IB=-0.5mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-5mA
-0.65
V
VBE(sat)
IC=-10mA,IB=-0.5mA
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA,IB=-5mA
-0.95
V
VBEon
VCE=-5V,IC=-2mA
-0.6
-0.75
V
Base-emitter voltage
VBEon
VCE=-5V,IC=-10mA
-0.82
V
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
4.5
pF
Transition frequency
fT
VCE=-5V,IC=-10mA,f=100MHz
100
MHz
Noise figure
NF
VCE=-
5V,Ic=-0.2mA,
f=
1kHZ,Rg=2K , f=200Hz
10
dB
www.mccsemi.com
2 of 5




Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl