データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SML-E12WBWT86P データシート(PDF) 2 Page - Rohm

部品番号 SML-E12WBWT86P
部品情報  EXCELEDTM series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SML-E12WBWT86P データシート(HTML) 2 Page - Rohm

  SML-E12WBWT86P Datasheet HTML 1Page - Rohm SML-E12WBWT86P Datasheet HTML 2Page - Rohm SML-E12WBWT86P Datasheet HTML 3Page - Rohm SML-E12WBWT86P Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
100
10
1
FORWARD VOLTAGE:VF (V)
2.8
2.9
3.2
3.0
3.1
3.3
Ta=25°C
FORWARD VOLTAGE:VF (V)
100
10
2.5
1.0
2.0
1.5
3.0
1
Ta=25°C
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12Y8W
SML-E12M8W
SML-E12P8W
FORWARD CURRENT:IF (mA)
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
Ta=25°C
SML-E12U8W
SML-E12D8W
SML-E12P8W
SML-E12Y8W
SML-E12M8W
SML-E12V8W
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12Y8W
SML-E12M8W
SML-E12P8W
SML-E12V8W
SML-E12U8W
SML-E12D8W
SML-E12Y8W
SML-E12M8W
SML-E12P8W
FORWARD CURRENT:IF (mA)
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
SML-E12UW
SML-E12DW
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
SML-E12UW
SML-E12DW
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1
0.8
0.4
0.6
0.2
-40
-20
0
20
40
60
80
100
1.6
IF=20mA
SML-E12UW
SML-E12DW
100
10
1
FORWARD VOLTAGE:VF (V)
2.0
1.0
1.5
2.5
3.0
Ta=25°C
SML-E12UW
SML-E12DW
ATMOSPHERE TEMPERATURE:Ta (
°C)
1.4
1.2
1
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
1.6
IF=5mA
SMLE12EC6T
SMLE12BC7T
SMLE12WBC7W
FORWARD CURRENT:IF (mA)
Ta=25°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
AMBIENT TEMPERATURE:Ta (°C)
30
20
10
-40
-20
0
20
40
60
80
100
0
SMLE12EC6T
SMLE12BC7T
SMLE12WBC7W
SMLE12EC6T
SMLE12BC7T
SMLE12WBC7W
SMLE12WBC7W
SMLE12EC6T
SMLE12BC7T
FORWARD CURRENT:IF (mA)
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
Forward Current-Forward Voltage
Electrical Characteristics Curves
Luminous Intensity-Atmosphere Temperature
Luminous Intensity-Forward Current
Derating
SML-E1 Series
2/3
© 2011 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2011.05 - Rev.B


同様の部品番号 - SML-E12WBWT86P

メーカー部品番号データシート部品情報
logo
Rohm
SML-E12 ROHM-SML-E12 Datasheet
34Kb / 1P
   Surface Mount Chip LEDs
SML-E12D8W ROHM-SML-E12D8W Datasheet
113Kb / 3P
   Standard Type
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
SML-E12D8W ROHM-SML-E12D8W Datasheet
1Mb / 4P
   SML-E1 Series
SML-E12D8W ROHM-SML-E12D8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
More results

同様の説明 - SML-E12WBWT86P

メーカー部品番号データシート部品情報
logo
Rohm
SMLA12WBC7W1 ROHM-SMLA12WBC7W1 Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-E1 ROHM-SML-E1_12 Datasheet
1Mb / 4P
   EXCELEDTM series Compact, Thin size (1.6횞0.8mm, t=0.36mm)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com