データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCP0G106M8R データシート(PDF) 1 Page - Rohm

部品番号 TCP0G106M8R
部品情報  Chip tantalum capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

TCP0G106M8R データシート(HTML) 1 Page - Rohm

  TCP0G106M8R Datasheet HTML 1Page - Rohm TCP0G106M8R Datasheet HTML 2Page - Rohm TCP0G106M8R Datasheet HTML 3Page - Rohm TCP0G106M8R Datasheet HTML 4Page - Rohm TCP0G106M8R Datasheet HTML 5Page - Rohm TCP0G106M8R Datasheet HTML 6Page - Rohm TCP0G106M8R Datasheet HTML 7Page - Rohm TCP0G106M8R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/7
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.E
Chip tantalum capacitors
TC Series P Case
Features (P)
Dimensions (Unit : mm)
1) Vital for all hybrid integrated circuits
board application.
2) Wide capacitance range.
3) Screening by thermal shock.
Part No. Explanation
8 : Reel width : 8mm
M
1
A
8
R
T
1
0
5
C
P
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits:
2 significant figures followed by the figure
representing the number of 0's.
R : Positive electrode on the side opposite to sprocket hole
1
6
1
3
6
4
2
5
1
1 Series name
TC
2 Case style
3
4 Nominal capacitance
5
Taping
20%
M :
+−
4
CODE
6.3
0J
10
1A
16
1C
20 25
1D 1E
Rated voltage (V)
0G
TC
P
Rated table
(
μF)
Rated voltage (V)
4
0G
1 (105)
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
P
6.8 (685)
P
P
P
P
10 (106)
P
15 (156)
22 (226)
P
P
P
P
P
P
P
P
P
P
P
PP
P
P
P
P
P
P
P
P
P
33 (336)
47 (476)
68 (686)
6.3
0J
10
1A
16
1C
20
1D
25
1E
Remark) Case size codes (P) in the above show products line-up.
Under development
P
Dimensions
L
H
S
W2
W1
S
S
W
H
L
W
Anode mark
2
1
(Unit : mm)
P case
+
2.0
± 0.2
1.25
± 0.2
0.9
± 0.2
0.45
± 0.3
1.1
± 0.1


同様の部品番号 - TCP0G106M8R

メーカー部品番号データシート部品情報
logo
Rohm
TCP0G106M8R ROHM-TCP0G106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCP0G106M8R ROHM-TCP0G106M8R Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results

同様の説明 - TCP0G106M8R

メーカー部品番号データシート部品情報
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com