データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCT_P データシート(PDF) 2 Page - Rohm

部品番号 TCT_P
部品情報  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

TCT_P データシート(HTML) 2 Page - Rohm

  TCT_P_10 Datasheet HTML 1Page - Rohm TCT_P_10 Datasheet HTML 2Page - Rohm TCT_P_10 Datasheet HTML 3Page - Rohm TCT_P_10 Datasheet HTML 4Page - Rohm TCT_P_10 Datasheet HTML 5Page - Rohm TCT_P_10 Datasheet HTML 6Page - Rohm TCT_P_10 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.F
Data Sheet
TCT Series P Case
Rated table
(
μF)
Rated voltage (V)
Remark) Case size codes (P) in the above show products line-up.
Under developmen
4
0G
2.2 (225)
1.5 (155)
1.0 (105)
4.7 (475)
6.8 (685)
10 (106)
15 (156)
22 (226)
P
P
P
P
P
P
P
P
33 (336)
47 (476)
68 (686)
100 (107)
150 (157)
220 (227)
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
P
P
P
P
P
P
2.5
0E
P
P
P
P
3.3 (335)
P
P
P
P
P
P
P
P
P
Marking
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of P case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
g
j
A
C
D
V
4
e
2.5
6.3
10
16
20
35
E25
Capacitance
Code
Nominal
Capacitance (
μF)
[P case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
j n
j n
A
E
J
N
S
W
a
e
j
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
n33
s
47
w
a
68
100
e
150
j
220
(1)
j
(2)
n


同様の部品番号 - TCT_P_10

メーカー部品番号データシート部品情報
logo
Rohm
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results

同様の説明 - TCT_P_10

メーカー部品番号データシート部品情報
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M ROHM-TC_M Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com