データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCX51-10 データシート(PDF) 1 Page - Micro Commercial Components

部品番号 BCX51-10
部品情報  PNP Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCX51-10 データシート(HTML) 1 Page - Micro Commercial Components

  BCX51-10 Datasheet HTML 1Page - Micro Commercial Components BCX51-10 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX51
BCX51-10
BCX51-16
PNP
Plastic-Encapsulate
Transistors
Features
x
Power Dissipation: PCM=0.5W (Tamb=25 )
x
Collector Current: ICM=-1.0A
x
Collector-Base Voltage: V(BR)CBO=-45V
x
Marking Code: BCX51=AA, BCX51-10=AC, BCX51-16=AD
Maximum Ratings
Symbol
Rating
Value
Unit
IC
Collector Current DC
-1.0
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
(IC=-100uA, IE=0)
(IC=-1mA, IB=0)
(IE=10uA, IC=0)
ICBO
Collector Cutoff Current
(VCB=-30V, IE=0)
IEBO
Emitter Cutoff Current
(VEB=-5.0V, IC=0)
hFE(1)
DC Current Gain
(VCE=-2.0V, IC=-150mA)
BCX51
BCX51-10
BCX51-16
63
63
100
---
---
---
250
160
250
---
hFE(2)
DC Current Gain
(VCE=2.0V, IC=-5.0mA)
hFE(3)
DC Current Gain
(VCE=-2.0V, IC=-500mA)
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mA,IB=-50mA)
VBE(on)
Base-Emitter Voltage
(IC=-500mA, VCE=-2.0V)
fT
Transition Frequency
(VCE=-5V, IC=-10mA,
f=100MHz)
50
---
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC




















SOT-89
-55 to +150
OC
-45
---
---
V
-45
---
---
V
-5
---
---
V
Range
Range
-5
---
---
V
63
---
---
---
---
---
---
---
---
40
-0.1
-0.1
-0.5
-1
V
V
uA
uA
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
V(BR)CEO
V(BR)CBO
V(BR)EBO
V(BR)CBO
V(BR)CEO
V(BR)EBO
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
-45
-45
-5
V
V
V
E
B
C
www.mccsemi.com
1 of 2




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.






























































Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Revision: A
2011/01/01
TM
Micro Commercial Components


同様の部品番号 - BCX51-10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCX51-10 PHILIPS-BCX51-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51-10 SIEMENS-BCX51-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Nexperia B.V. All right...
BCX51-10 NEXPERIA-BCX51-10 Datasheet
1Mb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
logo
Infineon Technologies A...
BCX51-10 INFINEON-BCX51-10 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

同様の説明 - BCX51-10

メーカー部品番号データシート部品情報
logo
TECH PUBLIC Electronics...
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
   PNPPNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MPSW51A MCC-MPSW51A Datasheet
374Kb / 3P
   PNP Plastic-Encapsulate Transistors
MCP718 MCC-MCP718 Datasheet
595Kb / 5P
   PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
   PNP Plastic-Encapsulate Transistors
KTA1270-O MCC-KTA1270-O Datasheet
323Kb / 2P
   PNP Plastic-Encapsulate Transistors
logo
Jinan Jing Heng Electro...
BC807 JINGHENG-BC807 Datasheet
1Mb / 5P
   PNP Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
   PNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com