データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSR2D データシート(PDF) 1 Page - C&K Components

部品番号 KSR2D
部品情報  Subminiature Detect Switch for SMT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CK-COMPONENTS [C&K Components]
ホームページ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSR2D データシート(HTML) 1 Page - C&K Components

  KSR2D Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E
E–21
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
Mechanical
Operating force
Operating life
Type
Newtons (grams)
(operations)
Travel
KSR2D3MGLFG
1,5 ± 0,5N
100,000
0,3 ± 0,15
KSR2D Series
Subminiature Detect Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
Saves PCB space
G terminations
Soft actuator
RoHS compliant and compatible
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: N.O.
TERMINALS: Gullwing type for SMT
Actuator
2 Soft actuator
K
S
R
L
F
G
2
G
D
3
Operating Force
D
1.5N Detect
Contact Material
3
Gold
Termination
MG Gull wing
RoHS compliant and
compatible gold plated
Typical Applications
Automotive
Cellular phones & accessories
Industrial electronics
Computers & network equipment
Electrical
Gold
MAXIMUM POWER:
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
MINIMUM VOLTAGE:
20 mV
MAXIMUM CURRENT DC:
10 mA
MINIMUM CURRENT DC:
1 mA
CONTACT RESISTANCE:
100 m
INSULATION RESISTANCE
(100 V): 109
BOUNCE TIME:
1 ms
Environmental
Gold
OPERATING TEMPERATURE:
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 125˚C
Process
SOLDERING: Compatible with lead free reflow soldering process
Packaging
Switches are delivered on continuous tape, in reels of 2,500 pieces.
For information on specific and custom switches, consult Customer Service Center.
KSR2D
7,3±0,15
6
Ø 1,9
PAD LAYOUT NORMALLY OPEN
5
8
M


同様の部品番号 - KSR2D

メーカー部品番号データシート部品情報
logo
ITT Industries
KSR2D1G ITT-KSR2D1G Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KSR2D1GNC ITT-KSR2D1GNC Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KSR2D1J ITT-KSR2D1J Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KSR2D1JNC ITT-KSR2D1JNC Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
KSR2D3G ITT-KSR2D3G Datasheet
68Kb / 3P
   Subminiature Tact Switch for SMT
More results

同様の説明 - KSR2D

メーカー部品番号データシート部品情報
logo
C&K Components
KSRD CK-COMPONENTS-KSRD Datasheet
190Kb / 2P
   Subminiature Detect Switch for SMT
29 Jul 21
KSCD CK-COMPONENTS-KSCD Datasheet
271Kb / 2P
   Sealed Detect Switch for SMT
8 Apr 22
logo
ITT Industries
KSC4D ITT-KSC4D Datasheet
171Kb / 2P
   Sealed Detect Switch for SMT
logo
C&K Components
KSC4D CK-COMPONENTS-KSC4D Datasheet
147Kb / 2P
   Sealed Detect Switch for SMT
KSC4D1J50SH CK-COMPONENTS-KSC4D1J50SH Datasheet
197Kb / 2P
   Sealed Detect Switch for SMT
KSR212GLFS CK-COMPONENTS-KSR212GLFS Datasheet
158Kb / 2P
   Subminiature Tact Switch for SMT
KSR253GLFG CK-COMPONENTS-KSR253GLFG Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSR213GLFG CK-COMPONENTS-KSR213GLFG Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
KSR CK-COMPONENTS-KSR_V01 Datasheet
228Kb / 4P
   Subminiature Tact Switch for SMT
23 Jun 21
KSR211GLFS CK-COMPONENTS-KSR211GLFS Datasheet
357Kb / 2P
   Subminiature Tact Switch for SMT
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com