データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12S49 データシート(PDF) 1 Page - Sharp Corporation

部品番号 LM12S49
部品情報  Color STN-LCD Module(FA/POS/Measuring instruments)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM12S49 データシート(HTML) 1 Page - Sharp Corporation

  LM12S49 Datasheet HTML 1Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility
for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc.
Contact SHARP in order to obtain the latest device specification sheets before using any
SHARP device. Specifications are subject to change without notice for improvement.
Outline Dimensions
unit : mm
50
270
131.8
268.5
269.5
2.2
3.5
MIN
1.8 min
BM area
275
3.5MIN
250.6 x 189.1
138.2
2
MIN
4.0
GB
MIN
4.0
G
R
0.1025 Pitch
B
0.0825
R
RG B
0.02
1.5
5.3
41
21
(4PL)
MIN
4.0
Free space area for screw boss
40
Center Line (Bezel Opening Area)
Active Area
245.98 x 184.48
Effective Viewing Area
(Outline of Polarizer)
Bezel Opening Area
2.2
2
1
3
AA'
min
1
BM area
2.2
2
1
3
New Product
Color STN-LCD Module
LM12S49
(FA/POS/Measuring instruments)
Features
s 31 cm [12.1"] SVGA format
s High brightness (180 cd/m2)
s Built-in long life CCFT backlight (40 000 h, [Typ.])
Specifications
Parameter
Unit
Parameter
Unit
Display size
31 [12.1]
cm [ "]
Backlight type
2CCFT(E)
-
Dot format (H x V)
800 x RGB x 600
dot
Duty ratio
1/300
-
Dot pitch (H x V)
0.1025 x 0.3075
mm
Logic voltage
5.0 Vcon
V
Active area (H x V)
246.0 x 184.5
mm
Power consumption
7 030
mW
Panel type
*1
-
Outline dimensions (W x H x D) 275.0 x 202.5 x 8.5
mm
Panel mode
Transmissive
-
Weight
550
g
Contrast ratio
40 : 1
-
Operating temperature
0 to +40
°C
Response time
300
ms
Storage temperature
-25 to +60
°C
Brightness
180
cd/m2
*1...Triple Super Twisted Nematic


同様の部品番号 - LM12S49

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S44 SHARP-LM12S44 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
   Color STN-LCD Module
More results

同様の説明 - LM12S49

メーカー部品番号データシート部品情報
logo
Sharp Corporation
LQ057Q3DC02 SHARP-LQ057Q3DC02 Datasheet
118Kb / 1P
   Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ121S1DG31 SHARP-LQ121S1DG31 Datasheet
119Kb / 1P
   Color TFT-LCD Module(FA/POS/Measuring instruments)
LQ64D343 SHARP-LQ64D343 Datasheet
111Kb / 1P
   Color TFT-LCD Module(FA/POS/Measuring instruments)
LM5Q31 SHARP-LM5Q31 Datasheet
19Kb / 1P
   Color STN-LCD Module(FA/POS/Measuring instrument)
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM16A21 SHARP-LM16A21 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM202KS1 SHARP-LM202KS1 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM40X21B SHARP-LM40X21B Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM16155 SHARP-LM16155 Datasheet
18Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
LM162KS1 SHARP-LM162KS1 Datasheet
19Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com