データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G07 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74AUP1G07
部品情報  Low-power buffer with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G07 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1G07_10 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G07_10 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74AUP1G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 2 September 2010
7 of 18
NXP Semiconductors
74AUP1G07
Low-power buffer with open-drain output
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
CL = 5 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
11.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
2.1
4.1
7.5
1.7
9.1
10.0
ns
VCC = 1.4 V to 1.6 V
1.6
3.0
5.1
1.3
6.1
6.7
ns
VCC = 1.65 V to 1.95 V
1.6
2.7
4.0
1.2
5.0
5.5
ns
VCC = 2.3 V to 2.7 V
1.1
2.1
3.2
0.9
4.0
4.4
ns
VCC = 3.0 V to 3.6 V
1.4
2.2
2.8
1.1
3.3
3.6
ns
CL = 10 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
14.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.0
5.1
9.0
2.4
11.2
12.3
ns
VCC = 1.4 V to 1.6 V
2.3
3.8
6.1
2.0
7.4
8.1
ns
VCC = 1.65 V to 1.95 V
2.4
3.6
4.8
1.8
6.1
6.7
ns
VCC = 2.3 V to 2.7 V
1.7
2.8
3.8
1.3
4.8
5.3
ns
VCC = 3.0 V to 3.6 V
2.2
3.1
4.2
1.6
4.5
5.0
ns
CL = 15 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
17.7
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.5
6.1
10.4
3.2
13.1
14.5
ns
VCC = 1.4 V to 1.6 V
3.0
4.5
6.8
2.6
8.6
9.4
ns
VCC = 1.65 V to 1.95 V
2.8
4.4
6.7
2.2
7.8
8.6
ns
VCC = 2.3 V to 2.7 V
2.4
3.4
4.5
1.9
5.3
5.8
ns
VCC = 3.0 V to 3.6 V
2.2
4.0
5.7
1.9
6.1
6.7
ns
CL = 30 pF
tpd
propagation delay
A to Y; see Figure 7
[2]
VCC = 0.8 V
-
24.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
4.8
9.0
15.6
4.3
18.8
20.7
ns
VCC = 1.4 V to 1.6 V
4.1
6.7
9.4
3.7
11.8
13.0
ns
VCC = 1.65 V to 1.95 V
3.8
6.8
9.7
3.2
11.0
12.1
ns
VCC = 2.3 V to 2.7 V
3.7
5.2
6.7
3.0
7.1
7.8
ns
VCC = 3.0 V to 3.6 V
3.6
6.4
9.7
2.8
10.4
11.4
ns


同様の部品番号 - 74AUP1G07_10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
More results

同様の説明 - 74AUP1G07_10

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com