データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G07GS データシート(PDF) 8 Page - NXP Semiconductors

部品番号 74AUP1G07GS
部品情報  Low-power buffer with open-drain output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G07GS データシート(HTML) 8 Page - NXP Semiconductors

Back Button 74AUP1G07GS Datasheet HTML 4Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 5Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 6Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 7Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 8Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 9Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 10Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 11Page - NXP Semiconductors 74AUP1G07GS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74AUP1G07
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 2 September 2010
8 of 18
NXP Semiconductors
74AUP1G07
Low-power buffer with open-drain output
[1]
All typical values are measured at nominal VCC.
[2]
tpd is the same as tPZL and tPLZ.
[3]
CPD is used to determine the dynamic power dissipation (PD in
μW).
PD =CPD
× VCC2 × fi × Nwhere:
fi = input frequency in MHz;
VCC = supply voltage in V;
N = number of inputs switching.
12. Waveforms
CL = 5 pF, 10 pF, 15 pF and 30 pF
CPD
power dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC
[3]
VCC = 0.8 V
-
0.5
-
-
-
-
pF
VCC = 1.1 V to 1.3 V
-
0.6
-
-
-
-
pF
VCC = 1.4 V to 1.6 V
-
0.6
-
-
-
-
pF
VCC = 1.65 V to 1.95 V
-
0.7
-
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
0.9
-
-
-
-
pF
VCC = 3.0 V to 3.6 V
-
1.2
-
-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
(85
°C)
Max
(125
°C)
Measurement points are given in Table 9.
Logic level: VOL is the typical output voltage drop that occur with the output load.
Fig 7.
The data input (A) to output (Y) propagation delays
mna626
tPLZ
VX
Y output
A input
VI
VCC
VM
VOL
GND
tPZL
VM
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
0.8 V to 1.6 V
0.5
× VCC
0.5
× VCC
VOL +0.1 V
1.65 V to 2.7 V
0.5
× VCC
0.5
× VCC
VOL +0.15V
3.0 V to 3.6 V
0.5
× VCC
0.5
× VCC
VOL +0.3 V


同様の部品番号 - 74AUP1G07GS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G07GS PHILIPS-74AUP1G07GS Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
logo
Nexperia B.V. All right...
74AUP1G07GS NEXPERIA-74AUP1G07GS Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
More results

同様の説明 - 74AUP1G07GS

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_11 Datasheet
126Kb / 18P
   Low-power buffer with open-drain output
Rev. 5-15 November 2011
74AUP1G07 NXP-74AUP1G07 Datasheet
91Kb / 15P
   Low-power buffer with open-drain output
Rev. 03-17 June 2009
logo
Unisonic Technologies
10N65Z UTC-10N65Z_15 Datasheet
217Kb / 5P
   LOW-POWER BUFFER WITH OPEN-DRAIN OUTPUT
logo
Nexperia B.V. All right...
74AXP1G07 NEXPERIA-74AXP1G07 Datasheet
834Kb / 17P
   Low-power buffer with open-drain output
74AUP1G07 NEXPERIA-74AUP1G07 Datasheet
272Kb / 18P
   Low-power buffer with open-drain output
Rev. 10 - 13 January 2022
74AUP1G07-Q100 NEXPERIA-74AUP1G07-Q100 Datasheet
214Kb / 12P
   Low-power buffer with open-drain output
Rev. 3 - 13 January 2022
logo
NXP Semiconductors
74AUP1G07 PHILIPS-74AUP1G07_15 Datasheet
344Kb / 19P
   Low-power buffer with open-drain output
Rev. 7-16 July 2012
74AUP1G07 PHILIPS-74AUP1G07 Datasheet
83Kb / 16P
   Low-power buffer with open-drain output
Rev. 02-14 June 2007
74AUP3G07 PHILIPS-74AUP3G07_15 Datasheet
221Kb / 21P
   Low-power triple buffer with open-drain output
Rev. 1-8 June 2015
74AUP2G07 PHILIPS-74AUP2G07 Datasheet
82Kb / 16P
   Low-power dual buffer with open-drain output
Rev. 02-12 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com