データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJP4KE110A データシート(PDF) 1 Page - Micro Commercial Components

部品番号 SMAJP4KE110A
部品情報  Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJP4KE110A データシート(HTML) 1 Page - Micro Commercial Components

  SMAJP4KE110A Datasheet HTML 1Page - Micro Commercial Components SMAJP4KE110A Datasheet HTML 2Page - Micro Commercial Components SMAJP4KE110A Datasheet HTML 3Page - Micro Commercial Components SMAJP4KE110A Datasheet HTML 4Page - Micro Commercial Components SMAJP4KE110A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Mechanical Data
CASE: JEDEC DO-214AC
Terminals: solderable per MIL-STD-750, Method 2026
Polarity: Color band denotesposit ive end (cathode)
except Bidirectional
Maximum soldering temperature: 250
oC for 10 seconds
Maximum Ratings @ 25
oC Unless Otherwise Specified
Peak Pulse Current on
10/1000us waveform
IPP
See Table 1 Note: 1
Peak Pulse Power
Dissipation
PPP
400W
Note: 1,
Peak Forward Surge
Current
IFSM)
40A
Note: 3
Operation And Storage
Temperature Range
TJ, TSTG
-55
oC to
+150
oC
NOTES:
1.
Non-repetitive current pulse, per Fig.3 and derated above
TA=25
oC per Fig.2.
2.
Mounted on 5.0mm
2 copper pads to each terminal.
3.
8.3ms, single half sine wave duty cycle=4 pulses per. Minute
maximum.
SMAJP4KE6.8(C)A
THRU
SMAJP4KE550(C)A
Transient
Voltage Suppressor
6.8 to 550 Volts
400 Watt
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
11/09/16
0.0
70"
0.0
90”
0.058 ”
SUGGESTED SOLDER
PAD LAYOUT
MA X
MI N
MI N
DO-214AC
(SMAJ)( LEAD FRAME)





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
For surface mount applicationsin in or der to optimize
boar d space
L ow pr ofil e package
Fast response time: typical less than 1.0ps from 0 volts to
VBR minimum
UL Recognized File # E
331408
TM
Micro Commercial Components
1 of 5
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


同様の部品番号 - SMAJP4KE110A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SMAJP4KE110A ETC2-SMAJP4KE110A Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

同様の説明 - SMAJP4KE110A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
P4KE68 MCC-P4KE68 Datasheet
53Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8-DO41 YFWDIODE-P4KE6.8-DO41 Datasheet
405Kb / 3P
   400 Watt Transient Voltage Suppressors 6.8 to 400 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
StarHope
P4KE SPSEMI-P4KE Datasheet
373Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com