データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54059IRTZ-T データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL54059IRTZ-T
部品情報  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54059IRTZ-T データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL54059IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54059IRTZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6579.2
March 11, 2011
Detailed Description
The ISL54059 is a bi-directional, dual single pole-double
throw (SPDT) analog switch that offers precise switching
from a single 1.8V to 6.5V supply with low ON-resistance
(0.83
Ω) and high speed operation (tON =55ns, tOFF = 18ns).
The device is especially well suited for portable battery
powered equipment due to its low operating supply voltage
(1.8V), low power consumption (8nA), and a tiny 1.8x1.4mm
µTQFN package or a 3x3mm TDFN package. The low
ON-resistance and rON flatness provide very low insertion
loss and signal distortion for applications that require signal
switching with minimal interference by the switch.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. The ISL54059
contains ESD protection diodes on each pin of the IC
(see Figure 8). These diodes connect to either a +Ring or
-Ring for ESD protection. To prevent forward biasing the
ESD diodes to the +Ring, V+ must be applied before any
input signals, and the input signal voltages must remain
between recommended operating range.
If these conditions cannot be guaranteed, then precautions
must be implemented to prohibit the current and voltage at
the logic pin and signal pins from exceeding the maximum
ratings of the switch. The following two methods can be used
to provided additional protection to limit the current in the
event that the voltage at a logic pin or switch terminal goes
above the V+ rail.
Logic inputs can be protected by adding a 1k
Ω resistor in
series with the logic input (see Figure 8). The resistor limits
FIGURE 4. OFF-ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR V+
NO OR NC
COM
IN
GND
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
*50
Ω SOURCE
V+
C
0V OR V+
NO OR NC
COM
IN
GND
VNX
V1
rON = V1/100mA
100mA
Repeat test for all switches.
0V OR V+
ANALYZER
V+
C
NO1 OR NC1
SIGNAL
GENERATOR
RL
GND
INX
COM1
50
Ω
NC
COM2
NC2 OR NO2
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
*50
Ω SOURCE
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
0V OR V+
COM is connected to NO or NC
during ON capacitance measurement.
ISL54059


同様の部品番号 - ISL54059IRTZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059IRTZ-T INTERSIL-ISL54059IRTZ-T Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
logo
Renesas Technology Corp
ISL54059IRTZ-T RENESAS-ISL54059IRTZ-T Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
More results

同様の説明 - ISL54059IRTZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL54059 RENESAS-ISL54059 Datasheet
724Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
logo
Intersil Corporation
ISL54059IRTZ INTERSIL-ISL54059IRTZ Datasheet
642Kb / 14P
   Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
March 11, 2011
ISL54065_0911 INTERSIL-ISL54065_0911 Datasheet
717Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT
ISL54062_0911 INTERSIL-ISL54062_0911 Datasheet
751Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT
logo
Renesas Technology Corp
ISL54060 RENESAS-ISL54060 Datasheet
744Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
logo
Intersil Corporation
ISL54060_0911 INTERSIL-ISL54060_0911 Datasheet
399Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch
ISL54062IRTZ INTERSIL-ISL54062IRTZ Datasheet
754Kb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
November 3, 2009
logo
Renesas Technology Corp
ISL54062 RENESAS-ISL54062 Datasheet
1Mb / 16P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54060IRTZ INTERSIL-ISL54060IRTZ Datasheet
402Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit
November 3, 2009
logo
Renesas Technology Corp
ISL54065 RENESAS-ISL54065 Datasheet
983Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPDT with Click and Pop Elimination Single Supply Switch with Enable Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com