データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCJ1.5KE18A データシート(PDF) 3 Page - Micro Commercial Components

部品番号 SMCJ1.5KE18A
部品情報  Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ1.5KE18A データシート(HTML) 3 Page - Micro Commercial Components

  SMCJ1.5KE18A Datasheet HTML 1Page - Micro Commercial Components SMCJ1.5KE18A Datasheet HTML 2Page - Micro Commercial Components SMCJ1.5KE18A Datasheet HTML 3Page - Micro Commercial Components SMCJ1.5KE18A Datasheet HTML 4Page - Micro Commercial Components SMCJ1.5KE18A Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS @25°C
MCC
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @ IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE @
IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MARKING
CODE
(VOLTS)
MIN
MAX
IT (mA)
(VOLTS)
(AMPS)
(
µA)
SMCJ1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
6V8C
SMCJ1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
7V5C
SMCJ1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
8V2C
SMCJ1.5KE9.1CA
7.78
8.65
9.55
1
13.4
113.4
50
9V1C
SMCJ1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
10C
SMCJ1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
11C
SMCJ1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
12C
SMCJ1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
5
13C
SMCJ1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
5
15C
SMCJ1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
5
16C
SMCJ1.5KE18CA
15.30
17.10
18.90
1
25.5
60.3
5
18C
SMCJ1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
5
20C
SMCJ1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
5
22C
SMCJ1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
5
24C
SMCJ1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
5
27C
SMCJ1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
5
30C
SMCJ1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
5
33C
SMCJ1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
5
36C
SMCJ1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
5
39C
SMCJ1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
5
43C
SMCJ1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
5
47C
SMCJ1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
5
51C
SMCJ1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
5
56C
SMCJ1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
5
62C
SMCJ1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
5
68C
SMCJ1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
5
75C
SMCJ1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
5
82C
SMCJ1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
5
91C
SMCJ1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
5
100C
SMCJ1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
5
110C
SMCJ1.5KE120CA
102.00
114.00
126.00
1
165.0
9.2
5
120C
SMCJ1.5KE130CA
111.00
124.00
137.00
1
179.0
8.5
5
130C
SMCJ1.5KE150CA
128.00
143.00
158.00
1
207.0
7.3
5
150C
SMCJ1.5KE160CA
136.00
152.00
168.00
1
219.0
6.9
5
160C
SMCJ1.5KE170CA
145.00
162.00
179.00
1
234.0
6.5
5
170C
SMCJ1.5KE180CA
154.00
171.00
189.00
1
246.0
6.2
5
180C
SMCJ1.5KE200CA
171.00
190.00
210.00
1
274.0
5.5
5
200C
SMCJ1.5KE220CA
185.00
209.00
231.00
1
328.0
4.6
5
220C
SMCJ1.5KE250CA
214.00
237.00
263.00
1
344.0
4.4
5
250C
SMCJ1.5KE300CA
256.00
285.00
315.00
1
414.0
3.7
5
300C
SMCJ1.5KE350CA
300.00
332.00
368.00
1
482.0
3.2
5
350C
SMCJ1.5KE400CA
342.00
380.00
420.00
1
548.0
2.8
5
400C
SMCJ1.5KE440CA
376.00
418.00
462.00
1
602.0
2.5
5
440C
SMCJ1.5KE480CA
408.00
456.00
504.00
1
658.0
2.3
5
480C
SMCJ1.5KE510CA
434.00
485.00
535.00
1
698.0
2.1
5
510C
SMCJ1.5KE530CA
477.00
503.50
556.50
1
725.0
2.1
5
530C
SMCJ1.5KE540CA
459.00
513.00
567.00
1
740.0
2.0
5
540C
SMCJ1.5KE550CA
495.00
522.50
577.50
1
760.0
2.0
5
550C
SMCJ1.5KE6.8(C)A THRU SMCJ1.5KE550(C)A
MC C
For bi-directional type having Vrwm of 10 volts and less, the IR limit is double.
The available parts are “A” type only, the parts without A (VBR is
f10%) is not available.
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 5


同様の部品番号 - SMCJ1.5KE18A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMCJ1.5KE18A MCC-SMCJ1.5KE18A Datasheet
322Kb / 5P
   For surface mount applicationsin in order to optimize board space
More results

同様の説明 - SMCJ1.5KE18A

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE27A-TP MCC-SMBJP6KE27A-TP Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMAJP4KE6.8A MCC-SMAJP4KE6.8A Datasheet
301Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 400 Watt
P4KE6.8A MCC-P4KE6.8A_11 Datasheet
708Kb / 4P
   400 Watt Transient Voltage Suppressors 6.8 to 550 Volts
logo
DONGGUAN YOU FENG WEI E...
1.5KE6.8-DO27 YFWDIODE-1.5KE6.8-DO27 Datasheet
1,020Kb / 6P
   1500 Watt TRANSIENT Voltage Suppressors 6.8 to 400 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_15 Datasheet
649Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
logo
Leshan Radio Company
P4KE6.8 LRC-P4KE6.8 Datasheet
190Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Micro Commercial Compon...
1.5KE6.8 MCC-1.5KE6.8_11 Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com