データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL55210IRTZ データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL55210IRTZ
部品情報  Wideband, Low-Power, Ultra-High Dynamic Range
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55210IRTZ データシート(HTML) 4 Page - Intersil Corporation

  ISL55210IRTZ Datasheet HTML 1Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 2Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 3Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 4Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 5Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 6Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 7Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 8Page - Intersil Corporation ISL55210IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL55210
4
FN7811.0
March 2, 2011
DC PERFORMANCE
Open-loop Voltage Gain (AOL)Differential
86
100
dB
*
Input Offset Voltage
TA = +25°C
-1.4
±0.1
+1.4
mV
*
TA = -40°C to +85°C
-1.6
±0.1
+1.6
mV
Average Offset Voltage Drift
TA = -40°C to +85°C
±3
µV/
°C
Input Bias Current
TA = +25°C, positive current into the pin
+50
+120
µA
*
TA = -40°C to +85°C
+50
+140
µA
Average Bias Current Drift
TA = -40°C to +85°C
+200
nA/
°C
Input Offset Current
TA = +25°C
-5
±1
+5
µA
*
TA = -40°C to +85°C
-6
±1
+6
µA
Average Offset Current Drift
TA = -40°C to +85°C
±8
nA/
°C
INPUT
Common-mode Input Range High
1.7
V
*
Common-mode Input Range Low
1.1
V
*
Common-mode Rejection Ratio
f < 10MHz, common mode to differential
output
56
75
dB
*
Differential Input Impedance
1
|| 2kΩ || pF
OUTPUT
Maximum Output Voltage
Each output (with 200Ω differential load)
Linear Operation
2.15
2.35
V
*
Minimum Output Voltage
0.45
0.63
V
*
Differential Output Voltage Swing
TA = +25°C
3.04
3.8
VP-P
*
TA = -40°C to +85°C
2.95
V
Differential Output Current Drive
RL = 10Ω [sourcing or sinking]
40
45
mA
*
Closed-loop Output Impedance
f < 10MHz, differential
0.6
OUTPUT COMMON-MODE VOLTAGE CONTROL
Small-signal Bandwidth
From VCM pin to Output VCM
30
MHz
Slew Rate
Rising/Falling
150
V/µs
Gain
VCM input pin 1.0V to 1.4V
0.995
0.999
V/V
*
Output Common-Mode Offset from CM Input
-8
±1
+8
mV
*
CM Default Voltage
Output VCM with VCM pin floating
1.18
1.2
1.22
V
*
CM Input Bias Current
At control pin
2
µA
CM Input Voltage Range
At control pin
0.9
1.9
V
*
CM Input Impedance
At control pin
15
|| 50
kΩ
|| pF
POWER SUPPLY
Specified Operation Voltage
3
3.3
4.2
V
Quiescent Current
TA = +25°, VS+ = 3.3V, VS- = 0V
33
35
37
mA
*
TA = -40°C to +85°C
30.5
36
39.5
mA
Power-supply Rejection (PSRR) VS+
3.0V - 4.5V range
56
90
dB
*
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RF = 200Ω, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED
(Note 7)


同様の部品番号 - ISL55210IRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
logo
Renesas Technology Corp
ISL55210IRTZ RENESAS-ISL55210IRTZ Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Intersil Corporation
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
ISL55210IRTZ-EVALZ INTERSIL-ISL55210IRTZ-EVALZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
More results

同様の説明 - ISL55210IRTZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL55210IRTZ INTERSIL-ISL55210IRTZ Datasheet
987Kb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
June 6, 2013
ISL55210 INTERSIL-ISL55210 Datasheet
1Mb / 18P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Renesas Technology Corp
ISL55210 RENESAS-ISL55210 Datasheet
1Mb / 19P
   Wideband, Low-Power, Ultra-High Dynamic Range Differential Amplifier
logo
Mini-Circuits
ZFL-272VH MINI-ZFL-272VH Datasheet
244Kb / 3P
   Ultra High Dynamic Range Broadband Amplifier
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com