データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL60002BIH310Z-TK データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL60002BIH310Z-TK
部品情報  Precision Low Power FGA??Voltage References
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH310Z-TK データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL60002BIH310Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002BIH310Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ISL60002
6
FN8082.17
December 16, 2010
Electrical Specifications ISL60002-26, VOUT = 2.600V (Additional specifications on page 7, “Common Electrical
Specifications”). Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. Boldface limits apply over
the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
2.600
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B26
-1.0
+1.0
mV
ISL60002C26
-2.5
+2.5
mV
ISL60002D26
-5.0
+5.0
mV
VIN
Input Voltage Range
2.8
5.5
V
TC VOUT
Output Voltage Temperature
Coefficient (Note 10)
20
ppm/°C
IIN
Supply Current
350
900
nA
ΔVOUT/ΔVIN
Line Regulation
+2.8V
≤ VIN ≤ +5.5V
80
350
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ ISINK ≤ 0mA
50
250
µV/mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 11)
ΔTA = +125°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 12)
TA = +25°C; First 1khrs
50
ppm
ISC
Short Circuit Current (to GND)*
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P
Electrical Specifications ISL60002-30, VOUT = 3.000V Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF,
TA = -40 to +85°C, unless otherwise specified. Boldface limits apply over the operating temperature range, -40°C to +85°C
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
VOUT
Output Voltage
3.000
V
VOA
VOUT Accuracy (Note 10)
TA = +25°C
ISL60002B30
-1.0
+1.0
mV
ISL60002C30
-2.5
+2.5
mV
ISL60002D30
-5.0
+5.0
mV
VIN
Input Voltage Range
3.2
5.5
V
TC VOUT
Output Voltage Temperature
Coefficient (Note 10)
20
ppm/°C
IIN
Supply Current
350
900
nA
ΔVOUT/ΔVIN
Line Regulation
+3.2V
≤ VIN ≤ +5.5V
80
250
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ ISINK ≤ 0mA
50
150
µV/mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 11)
ΔTA = +125°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 12)
TA = +25°C; First 1khrs
50
ppm
ISC
Short Circuit Current (to GND)
TA = +25°C
50
mA
VN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
µVP-P


同様の部品番号 - ISL60002BIH310Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH310Z-TK INTERSIL-ISL60002BIH310Z-TK Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL60002BIH310Z-TK RENESAS-ISL60002BIH310Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

同様の説明 - ISL60002BIH310Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002_07 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002 INTERSIL-ISL60002_06 Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002_0712 INTERSIL-ISL60002_0712 Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002 RENESAS-ISL60002 Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21032 INTERSIL-ISL21032 Datasheet
230Kb / 7P
   Precision 0.600V Low Voltage FGA References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com