データシートサーチシステム |
|
SMBJ14 データシート(PDF) 2 Page - Micro Commercial Components |
|
SMBJ14 データシート(HTML) 2 Page - Micro Commercial Components |
2 / 9 page 100 10 1.0 0.1 0.1 us 1.0 us 10 us 100 us 1.0ms 10ms MOUNTEDON5.0mm2 COPPER LAND AREAS NON-REPETITIVE PULSE WAVEFORM SHOWNINFIGURE 3 TA = 25 td, PULSE WIDTH, SEC 100 75 50 25 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE, Fig. 1-PEAK PULSE POWER RATING CURVE Fig. 2-PULSE DERATING CURVE 150 100 50 0 0 1.0 2.0 3.0 4.0 TA = 25 Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp Peak Value Ippm Half Value-Ipp 2 10/1000usec Waveform as Defined by R.E.A. e-kt td tf = 10usec t, TIME , ms Fig. 3-PULSE WAVEFORM 6,000 4,000 2,000 1,000 800 600 400 200 100 80 60 40 20 10 1.0 2.0 10 20 100 200 MEASURED AT STAND-OFF VOLTAGE(VMW) TJ = 25 f= 1.0MHz Vsig = 50mVp-p MEASURED AT ZERO BIAS V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS Fig. 4-TYPICAL JUNCTION CAPACITANCE 200 100 50 0 12 46 8 10 20 60 80 100 TJ = TJ max 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD NUMBER OF CYCLES AT 60Hz Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT SMBJ5.0 THRU SMBJ440CA MCC TM Micro Commercial Components www.mccsemi.com 2 of 9 Revision: B 2011/09/06 |
同様の部品番号 - SMBJ14 |
|
同様の説明 - SMBJ14 |