データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD103AXGRKG データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 SD103AXGRKG
部品情報  Low VF SMD Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SD103AXGRKG データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SD103AXGRKG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SD103AXGRKG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SD103AXGRKG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AXG
Low VF SMD Schottky Barrier Diode
Small Signal Diode
Electrical Characteristics
IF=
IF=
IF=
IF=
IF=
Reverse Leakage Current
VR=
Junction Capacitance
Tape & Reel specification
Dimension(mm)
Note 1: A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be
within 0.05 mm min. to 0.5 mm max. The component cannot rote more than 10o within the determined cavity.
Note 2: If B1 exceeds 4.2 mm(0.165'') for 8 mm embossed tape, the tape may not feed through all tape feeders.
W1
14.4 Max.
4.00 ±0.10
2.00 ±0.10
Overall tape thickness
T
0.6 Max.
Tape width
Reel width
W
Reel outside diameter
Reel inner diameter
Feed hole width
8.30 Max.
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
P1
3.50 ±0.05
Item
Carrier depth
Sprocket hole
pF
-20
Min
-
220.00
Max
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Forward Voltage
290.00
360.00
CJ
VR=1V,
f=1.0MHz
μA
-
VF
IR
-
0.5
600.00
-
mV
mV
mV
1mA
-
0.1mA
Symbol
mV
25V
200mA
Units
100mA
-
500.00
mV
10mA
E
F
P0
Symbol
K
D
A
D1
D2
178 ± 1
50 Min.
13.0 ± 0.5
1.75 ±0.10
2.40 Max.
1.50 +0.10
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label
W1
D1
D2
A
Version : A10


同様の部品番号 - SD103AXGRKG

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
SD103AX BILIN-SD103AX Datasheet
198Kb / 3P
   Schottky Barrier Diode
SD103AX BILIN-SD103AX Datasheet
245Kb / 3P
   Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
SD103AX SECOS-SD103AX Datasheet
261Kb / 2P
   Schottky Plastic-Encapsulated Diode
logo
DONGGUAN YOU FENG WEI E...
SD103AX YFWDIODE-SD103AX Datasheet
574Kb / 3P
   Schottky Barrier Diode
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
More results

同様の説明 - SD103AXGRKG

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS_14 Datasheet
177Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com