データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3810DCSM データシート(PDF) 2 Page - Seme LAB

部品番号 2N3810DCSM
部品情報  SILICON DUAL MATCHED PNP TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3810DCSM データシート(HTML) 2 Page - Seme LAB

  2N3810DCSM Datasheet HTML 1Page - Seme LAB 2N3810DCSM Datasheet HTML 2Page - Seme LAB 2N3810DCSM Datasheet HTML 3Page - Seme LAB 2N3810DCSM Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILICON DUAL MATCHED
PNP TRANSISTORS
2N3810DCSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 2873
Issue 2
Page 2 of 4
ELECTRICAL CHARACTERISTICS (Each Side, TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
V(BR)CBO
Collector-Base
Breakdown Voltage
IC = -10µA
IE = 0
-60
V(BR)CEO
(2)
Collector-Emitter
Breakdown Voltage
IC = -10mA
IB = 0
-60
V(BR)EBO
Emitter-Base
Breakdown Voltage
IE = -10µA
IC = 0
-5
V
VCB = -50V
IE = 0
-10
nA
ICBO
Collector-Cut-Off
Current
TA = 150°C
-10
µA
IEBO
Emitter-Cut-Off
Current
VEB = -4V
IC = 0
-20
nA
IC = -10µA
VCE = -5V
100
IC = -100µA
VCE = -5V
150
450
TA = -55°C
60
IC = -500µA
VCE = -5V
150
450
IC = -1.0mA
VCE = -5V
150
450
hFE
(2)
Forward-current
transfer ratio
IC = -10mA
VCE = -5V
125
VBE
(2)
Base-Emitter Voltage
IC = -100µA
VCE = -5V
-0.7
IC = -100µA
IB = -10µA
-0.7
VBE(sat)
(2)
Base-Emitter
Saturation Voltage
IC = -1.0mA
IB = = -100µA
-0.8
V
IC = -100µA
IB = -10µA
-0.2
VCE(sat)
(2)
Collector-Emitter
Saturation Voltage
IC = -1.0mA
IB = = -100µA
-0.25
ELECTRICAL MATCHING CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
2
FE
h
1
FE
h
(3)
Forward-current
transfer ratio (gain
ratio)
IC = -100µA
VCE = -5V
0.9
1.0
VCE = -5V
IC = -10µA to -10mA
5
|VBE1-VBE2|
Base-Emitter Voltage
Differential
VCE = -5V
IC = -100µA
3
mV
VCE = -5V
IC = -100µA
TA1 = 25°C
TA2 = -55°C
0.8
VCE = -5V
IC = -100µA
|∆(VBE1-VBE2)∆TA|
Base-Emitter Voltage
Differential Change
Due To Temperature
TA1 = 25°C
TA2 = 125°C
1.0
mV
Not
Not
Not
Notes
es
es
es
(2)
Pulse Width ≤ 300us, δ ≤ 2%
(3)
The lower of the two readings is taken as hFE1


同様の部品番号 - 2N3810DCSM

メーカー部品番号データシート部品情報
logo
Seme LAB
2N3810DCSM SEME-LAB-2N3810DCSM Datasheet
30Kb / 4P
   DUAL HIGH GAIN PNP TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
More results

同様の説明 - 2N3810DCSM

メーカー部品番号データシート部品情報
logo
TT Electronics.
2N3810DCSM TTELEC-2N3810DCSM Datasheet
635Kb / 4P
   SILICON DUAL MATCHED PNP TRANSISTORS
logo
Central Semiconductor C...
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
   SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
NXP Semiconductors
BCM857BV PHILIPS-BCM857BV_15 Datasheet
135Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM856BS NEXPERIA-BCM856BS Datasheet
647Kb / 14P
   PNP/PNP matched double transistors
Rev. 01 - 7 August 2008
logo
NXP Semiconductors
BCM857BV NXP-BCM857BV Datasheet
123Kb / 15P
   PNP/PNP matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM857BV NEXPERIA-BCM857BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
PMP5501G NEXPERIA-PMP5501G Datasheet
118Kb / 14P
   PNP/PNP matched double transistors
Rev. 03 - 28 August 2009
logo
NXP Semiconductors
PMP5501V NXP-PMP5501V Datasheet
119Kb / 14P
   PNP/PNP matched double transistors
Rev. 03-28 August 2009
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com