データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS1117BCSRL データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS1117BCSRL
部品情報  1A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117BCSRL データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1117BCSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117BCSRL Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS1117B
1A Low Dropout Positive Voltage Regulator
3/9
Version: C07
Electrical Characteristics Curve
Figure 1. Vdrop vs. Output Current
Figure 2. Vout Change vs. Temperature
Figure 3. Adjust Pin Current vs. Temperature
Figure 4. Iq Change vs. Temperature
Figure 5. Output Short Circuit Current
vs. Differential Voltage
Figure 5. Output Short Circuit Current
vs. Temperature


同様の部品番号 - TS1117BCSRL

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS1117BCS TSC-TS1117BCS Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCS18 TSC-TS1117BCS18 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCS25 TSC-TS1117BCS25 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCS33 TSC-TS1117BCS33 Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117BCS33RLG TSC-TS1117BCS33RLG Datasheet
364Kb / 8P
   1A Low Dropout Positive Voltage Regulator
More results

同様の説明 - TS1117BCSRL

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com