データシートサーチシステム |
|
LM120-15 データシート(PDF) 5 Page - Seme LAB |
|
LM120-15 データシート(HTML) 5 Page - Seme LAB |
5 / 6 page Document Number 3725 Issue: 2 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. GN D VIN VOUT C1 * 2. 2 µF TA N T . C2 * * 1 µF TA N T . IN PU T O U T PU T GN D VIN VOUT C1 2. 2 µF TA N T . IN PU T O U T PU T R1 R2 C2 1 µF TA N T . R1 GN D VIN VOUT C1 2. 2 µF TA N T . IN PU T OU T P U T I OUT C2 1 µF TA N T . Fixed Output Regulator * Required if the regulator is located far from the power supply. ** Required for stability. 25 µF electrolytic may be substituted. Current Regulator Adjustable Output Regulator APPLICATIONS INFORMATION (R1+R2) VOUT ≈ VREG R1 VREG IOUT = + IQ R1 Order Information Order Information Note: To order, add the package identifier to the part number. eg. IP7905AK LM120SMD-05 Part Number K–Pack (TO–3) R–Pack (TO–66) G/IG–Pack (TO–257) 220M–Pack (TO–220) SMD (SMD1) SMD–05 (SMD 0.5) IP7905 IP7912 IP7915 IP120-05 IP120-12 IP 120-15 LM7905 LM7912 LM7915 LM120-05 LM120-12 LM120-15 IP120 SERIES IP7900 SERIES LM120 SERIES LM7900 SERIES |
同様の部品番号 - LM120-15 |
|
同様の説明 - LM120-15 |