データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF240 データシート(PDF) 2 Page - Seme LAB

部品番号 IRF240
部品情報  N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRF240 データシート(HTML) 2 Page - Seme LAB

  IRF240_09 Datasheet HTML 1Page - Seme LAB IRF240_09 Datasheet HTML 2Page - Seme LAB IRF240_09 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-CHANNEL
POWER MOSET
IRF240
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 3332
Issue 2
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
BVDSS
Drain-Source Breakdown
Voltage
VGS = 0
ID = 1.0mA
200
V
J
T
VDSS
B
Temperature Coefficent of
Breakdown Voltage
Reference
to 25°C
ID = 1.0mA
0.29
V/°C
VGS = 10V
ID = 11A
(4)
0.18
RDS(on)
Static Drain-Source
On-State Resistance
VGS = 10V
ID = 18A
(4)
0.21
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250µA
2
4
V
gfs
Forward Transconductance
VDS ≥ 15V
I DS = 11A
(4)
6.1
S( )
VGS = 0
VDS = 0.8BVDSS
25
IDSS
Zero Gate Voltage
Drain Current
TJ = 125°C
250
µA
IGSS
Forward Gate-Source
Leakage
VGS = 20V
100
IGSS
Reverse Gate-Source
Leakage
VGS = -20V
-100
nA
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0
1300
Coss
Output Capacitance
VDS = 25V
400
Crss
Reverse Transfer
Capacitance
f = 1.0MHz
130
pF
Qg
Total Gate Charge
VGS = 10V
32
60
Qgs
Gate-Source Charge
ID = 18A
2.2
10.6
Qgd
Gate-Drain Charge
VDS = 0.5BVDSS
14
38
nC
td(on)
Turn-On Delay Time
20
tr
Rise Time
152
td(off)
Turn-Off Delay Time
58
tf
Fall Time
VDD = 100V
ID = 18A
RG = 9.1Ω
67
ns
SOURCE-DRAIN DIODE CHARACTERISTICS
IS
Continuous Source Current
18
ISM
Pulse Source Current
(1)
72
A
IS = 18A
TJ = 25°C
VSD
Diode Forward Voltage
VGS = 0
(4)
1.5
V
trr
Reverse Recovery Time
IS = 18A
TJ = 25°C
500
ns
Qrr
Reverse Recovery Charge
VDD ≤ 50V
di/dt = 100A/
µs
(4)
5.3
µC


同様の部品番号 - IRF240_09

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
logo
New Jersey Semi-Conduct...
IRF240R NJSEMI-IRF240R Datasheet
168Kb / 2P
   Avalanche Energy Rated N-Channel Power MOSFETs
logo
Seme LAB
IRF240SMD SEME-LAB-IRF240SMD Datasheet
22Kb / 2P
   N.CHANNEL POWER MOSFET
logo
International Rectifier
IRF240 IRF-IRF240_15 Datasheet
150Kb / 7P
   Repetitive Avalanche Ratings
More results

同様の説明 - IRF240_09

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com