データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM120-05 データシート(PDF) 1 Page - Seme LAB

部品番号 LM120-05
部品情報  1.5 AMP NEGATIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM120-05 データシート(HTML) 1 Page - Seme LAB

  LM120-05 Datasheet HTML 1Page - Seme LAB LM120-05 Datasheet HTML 2Page - Seme LAB LM120-05 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LM120A-05
LM120-05
LM7905A
LM7905
Document Number 2643
Issue: 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
K Package – TO–3
Pin 1 – Ground
Pin 2 – VOUT
Case – VIN
R Package – TO–66
12
3
3
12
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
SMD Package – SMD1
Ceramic Surface Mount
!
1.5 AMP
NEGATIVE
VOLTAGE REGULATOR
FEATURES
• OUTPUT VOLTAGE OF -5V
• 0.7% / V LINE REGULATION AVAILABLE
• 0.5% / A LOAD REGULATION AVAILABLE
• THERMAL OVERLOAD PROTECTION
• SHORT CIRCUIT PROTECTION
• OUTPUT TRANSISTOR SOA PROTECTION
• 1% VOLTAGE TOLERANCE OPTION
(–A VERSIONS)
VI
DC Input Voltage
PD
Power Dissipation
Tj
Operating Junction Temperature Range
Tstg
Storage Temperature
35V
Internally limited
–55 to 150°C
–65 to 150°C
DESCRIPTION
The A suffix devices provide 0.7% / V line regulation,
0.5% / A load regulation and ±1% output voltage tolerance at
room temperature.
Protection features include Safe Operating Area current
limiting and thermal shutdown.
Pin 1 – Ground
Pin 2 – VIN
Pin 3 – VOUT
Case – VIN
G Package – TO–257
IG Package– TO–257*
* isolated Case on IG package
1 23
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)


同様の部品番号 - LM120-05

メーカー部品番号データシート部品情報
logo
Seme LAB
LM120-05 SEME-LAB-LM120-05 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM120-05 SEME-LAB-LM120-05 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results

同様の説明 - LM120-05

メーカー部品番号データシート部品情報
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com