データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM120-05 データシート(PDF) 2 Page - Seme LAB

部品番号 LM120-05
部品情報  1.5 AMP NEGATIVE VOLTAGE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM120-05 データシート(HTML) 2 Page - Seme LAB

  LM120-05 Datasheet HTML 1Page - Seme LAB LM120-05 Datasheet HTML 2Page - Seme LAB LM120-05 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LM120A-05
LM120-05
LM7905A
LM7905
Document Number 2643
Issue: 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
LM7905A
LM7905 , LM120–05
LM120A–05
LM120–05
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
-4.9
-5
-5.1
-4.8
-5.2
325
350
125
250
25
100
25
100
1
1.9
12
0.2
0.4
0.2
0.5
100
54
54
1.4
5
0.6
1.2
2.4
3.3
0.2
-7.3
-4.95
-5
-5.05
-4.85
-5.15
310
310
14
112
25
35
25
35
1
1.9
12
0.2
0.4
0.2
0.5
100
58
58
1.4
5
0.6
1.2
2.4
3.3
0.2
-7.3
V
mV
mV
mA
mA
mV
dB
V
m
W
A
mV
°C
V
Output Voltage
Line Regulation
Load Regulation
Quiescent Current
Quiescent Current
Change
Output Noise
Voltage
Ripple Rejection
Dropout Voltage
Output Resistance
Short Circuit
Current
Peak Output
Current Average
Temperature
Coefficient of VO
Input Voltage required to
maintain line regulation
IO = 500mA
VIN = -10V
IO = 5mA to IMAX
VIN = -7.5V to -20V
PD £ PMAX
TJ = -55 to 150°C
VIN = -7V to -25V
IO = 0.5 IMAX
VIN = -7.5V to -20V
TJ = -55 to 150°C
VIN = -8V to -12V
IO £ IMAX
TJ = -55 to 150°C
IO = 5mA to 1.5A
VIN = -10V
IO = 5mA to IMAX
TJ = -55 to 150°C
IO £ 0.5 IMAX
VIN = -10V
TJ = -55 to 150°C
IO = 5mA to IMAX
VIN = -10V
TJ = -55 to 150°C
f = 10Hz to 100kHz
VIN = -10V
f = 120Hz
IO £ IMAX
VIN = -8V to -18V
IO £ 0.5 IMAX
TJ = -55 to 150°C
IO = IMAX
f = 1 kHz
VIN = -35V
VIN = -10V
IO = 5mA
IO £ IMAX
1) All characteristics are measured with a capacitor across the input of 0.22
mF and a capacitor across the output of 0.1mF.
All characteristics except noise voltage and ripple rejection ratio are measured using pulse techniques (tp £ 10ms, d£ 5%). Output
voltage changes due to changes in internal temperature must be taken into account separately.
2) Test Conditions unless otherwise stated:PMAX = 10W for SMD , PMAX = 20W for all other package devices
IMAX = 1.0A , TJ = 25°C
VO
DVO
DVO
IQ
DIQ
VN
DVIN
DVO
RO
Isc
Ipk


同様の部品番号 - LM120-05

メーカー部品番号データシート部品情報
logo
Seme LAB
LM120-05 SEME-LAB-LM120-05 Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
LM120-05 SEME-LAB-LM120-05 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
More results

同様の説明 - LM120-05

メーカー部品番号データシート部品情報
logo
Seme LAB
LM7905XE SEME-LAB-LM7905XE Datasheet
28Kb / 3P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120A SEME-LAB-IP120A Datasheet
41Kb / 5P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP120 SEME-LAB-IP120 Datasheet
87Kb / 6P
   1.5 AMP NEGATIVE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
   1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
   NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
   1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com