データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB30-45RM データシート(PDF) 1 Page - Seme LAB

部品番号 SB30-45RM
部品情報  DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI?밨EL APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SB30-45RM データシート(HTML) 1 Page - Seme LAB

  SB30-45RM Datasheet HTML 1Page - Seme LAB SB30-45RM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB30-45M
SB30-45AM
SB30-45RM
SB30-40M
SB30-40AM
SB30-40RM
Document Number 3370
Issue 2
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VRRM
Peak Repetitive Reverse Voltage
VRSM
Peak Non-Repetitive Reverse Voltage
VR
Continuous Reverse Voltage
IF(AV)
Maximum Average Forward Current
IFSM
Peak Non-Repetitive Surge Current at 50Hz (per leg)
TSTG
Storage Temperature Range
TJ
Maximum Operating Junction Temperature
40V
40V
40V
45V
45V
45V
30A
245A
-55°C to 150°C
150°C
MECHANICAL DATA
Dimensions in mm
2. 54
BSC
10. 6
3. 6
Dia.
0. 8
4. 6
1. 0
2. 70
BS C
12 3
DUAL SCHOTTKY
BARRIER DIODE IN
TO220 METAL PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC TO220 METAL PACKAGE
• ISOLATED CASE
• AVAILABLE IN COMMON CATHODE,
COMMON ANODE AND SERIES
VERSIONS
• SCREENING OPTIONS AVAILABLE
• OUTPUT CURRENT 30A
•LOW VF
• LOW LEAKAGE
TO220 (TO-257AB) METAL PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
SB30-40MM
SB30-40AM
SB30-40RM
SB30-45MM
SB30-45AM
SB30-45RM
Common Cathode
Common Anode
Series Connection
SB30-45M
SB30-40M
SB30-45AM
SB30-40AM
SB30-45RM
SB30-40RM
1
3
2
1
3
2
1
3
2
1 = A1 Anode 1
2 = K Cathode
3 = A2 Anode 2
1 = K1 Cathode 1
2 = A Anode
3 = K2 Cathode 2
1 = K1 Cathode 1
2 = Centre Tap
3 = A2 Anode
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


同様の部品番号 - SB30-45RM

メーカー部品番号データシート部品情報
logo
Seme LAB
SB30-45RM SEME-LAB-SB30-45RM Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
More results

同様の説明 - SB30-45RM

メーカー部品番号データシート部品情報
logo
Seme LAB
SB16-100MA SEME-LAB-SB16-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-100MA SEME-LAB-SB30-100MA Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45M SEME-LAB-SB30-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
SB16-45M SEME-LAB-SB16-45M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
SB35-40M SEME-LAB-SB35-40M Datasheet
16Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO254 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-45-258M SEME-LAB-SB30-45-258M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO258 METAL PACKAGE FOR HI-REL APPLICATIONS
SB30-100MSMD SEME-LAB-SB30-100MSMD Datasheet
25Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN FOR HI-REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
BYT08-400-220M SEME-LAB-BYT08-400-220M Datasheet
25Kb / 2P
   DUAL FAST RECOVERY RECTIFIER IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com