データシートサーチシステム |
|
SS-3P データシート(PDF) 1 Page - Omron Electronics LLC |
|
SS-3P データシート(HTML) 1 Page - Omron Electronics LLC |
1 / 6 page Subminiature Basic Switch SS-P 103 Subminiature Basic Switch SS-P SS Series Compatible Mounting with a Simple Construction and Easy-to-Use Design Concept • Insert molded base and improved case-to-base seal provides enhanced resistance to flux. • Switch rating of 3 A at 125 VAC possible with a single-leaf movable spring. Models for micro loads with gold crossbar contact are also available. • Solder, quick-connect terminals (#110), and PCB terminals are available, including even-pitched PCB terminals. • RoHS Compliant. Ordering Information . Model Number Legend Terminals Solder terminals Quick-connect terminals (#110) PCB terminals Rating Actuator Uneven pitch Even pitch 3 A Pin plunger SS-3GP SS-3GPT SS-3GPD SS-3GPB Hinge lever SS-3GLP SS-3GLPT SS-3GLPD SS-3GLPB Simulated roller lever SS-3GL13P SS-3GL13PT SS-3GL13PD SS-3GL13PB 0.1 A Pin plunger SS-01GP SS-01GPT SS-01GPD SS-01GPB Hinge lever SS-01GLP SS-01GLPT SS-01GLPD SS-01GLPB Simulated roller lever SS-01GL13P SS-01GL13PT SS-01GL13PD SS-01GL13PB SS- P 1. Ratings 3: 3 A at 125 VAC 01: 0.1 A at 30 VDC 2. Contact Gap G: 0.5 mm 3. Actuator None: Pin plunger L: Hinge lever L13: Simulated roller lever 4. Terminals None: Solder terminals T: Quick-connect terminals (#110) D: PCB terminals (Uneven pitch) B: PCB terminals (Even pitch) 3 4 2 1 |
同様の部品番号 - SS-3P |
|
同様の説明 - SS-3P |