データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DDR3812RUAR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3DDR3812RUAR
部品情報  12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3DDR3812RUAR データシート(HTML) 4 Page - Texas Instruments

  TS3DDR3812RUAR Datasheet HTML 1Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 2Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 3Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 4Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 5Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 6Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 7Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 8Page - Texas Instruments TS3DDR3812RUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TS3DDR3812
SCDS314A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
3
3.6
V
VIH
High-level control input voltage SEL1, SEL2
2
5.5
V
VIL
Low-level control input voltage
SEL1, SEL2
0
0.8
V
VIN
Input voltage
SEL1, SEL2
0
5.5
V
VI/O
Input/Output voltage
0
VCC
V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VDD or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN TYP(2)
MAX
UNIT
VIK
Digital input clamp voltage
SEL1, SEL2 VCC = 3.6 V, IIN = –18 mA
–1.2
–0.8
V
RON
ON-state resistance
A, B, C
VCC = 3 V, 1.5 V ≤ VI/O ≤ VCC,
8
12
Ω
II/O = -40 mA
RON(flat)
(3)
ON-state resistance flatness
A, B, C
VCC = 3 V, VI/O = 1.5 V and VCC,
1.5
Ω
II/O = –40 mA
ΔRON
(4)
On-state resistance match
A, B, C
VCC = 3 V, 1.5 V ≤ VI/O ≤ VCC,
0.4
1
Ω
between channels
II/O = –40 mA
IIH
Digital input high leakage
SEL1, SEL2 VCC = 3.6 V , VIN = VDD
±1
µA
current
IIL
Digital input low leakage
SEL1, SEL2 VCC = 3.6 V, VIN = GND
±1
µA
current
IOFF
Leakage under power off
All outputs
VCC = 0 V, VI/O = 0 to 3.6 V, VIN = 0 to 5.5 V
±1
µA
conditions
CIN
Digital input capacitance
SEL1, SEL2 f = 1 MHz, VIN = 0 V
2.6
3.2
pF
COFF
Switch OFF capacitance
A, B, C
f = 1 MHz, VI/O = 0 V, Output is open,
2
pF
Switch is OFF
CON
Switch ON capacitance
A, B, C
f = 1 MHz, VI/O = 0 V, Output is open,
5.6
pF
Switch is ON
ICC
VCC supply current
VCC = 3.6 V, II/O = 0, VIN = VDD or GND
300
400
µA
(1)
VI, VO, II, and IO refer to I/O pins, VIN refers to the control inputs
(2)
All typical values are at VCC = 3.3V (unless otherwise noted), TA = 25°C
(3)
RON(FLAT) is the difference of RON in a given channel at specified voltages.
(4)
ΔRON is the difference of RON from center port (A5, A6) to any other ports.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS3DDR3812


同様の部品番号 - TS3DDR3812RUAR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611ZQCR TI1-TS3DDR32611ZQCR Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI1-TS3DDR32611_14 Datasheet
279Kb / 12P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

同様の説明 - TS3DDR3812RUAR

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com