データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD39100PU33R データシート(PDF) 7 Page - STMicroelectronics

部品番号 LD39100PU33R
部品情報  1 A, low quiescent current, low noise voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU33R データシート(HTML) 7 Page - STMicroelectronics

Back Button LD39100PU33R Datasheet HTML 3Page - STMicroelectronics LD39100PU33R Datasheet HTML 4Page - STMicroelectronics LD39100PU33R Datasheet HTML 5Page - STMicroelectronics LD39100PU33R Datasheet HTML 6Page - STMicroelectronics LD39100PU33R Datasheet HTML 7Page - STMicroelectronics LD39100PU33R Datasheet HTML 8Page - STMicroelectronics LD39100PU33R Datasheet HTML 9Page - STMicroelectronics LD39100PU33R Datasheet HTML 10Page - STMicroelectronics LD39100PU33R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LD39100XX, LD39100XX12, LD39100XX25
Electrical characteristics
Doc ID 15676 Rev 2
7/24
VEN
Enable input logic low
VIN=1.5V to 5.5V, 40°C<TJ<125°C
0.4
V
Enable input logic high
0.9
V
IEN
Enable pin input current
VEN= VIN
0.1
100
nA
tON
Turn-on time (4)
30
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see typical
performance characteristics for
stability)
122
µF
1.
All transient values are guaranteed by design, not production tested
2.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply for output voltages below 1.5 V
3.
PG pin floating
4.
Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage just
reaching 95% of its nominal value
Table 6.
Electrical characteristics for the LD39100PU (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


同様の部品番号 - LD39100PU33R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD39100PU33R STMICROELECTRONICS-LD39100PU33R Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PU33RY STMICROELECTRONICS-LD39100PU33RY Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
More results

同様の説明 - LD39100PU33R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD39100 STMICROELECTRONICS-LD39100 Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com