データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD39100PU33R データシート(PDF) 3 Page - STMicroelectronics

部品番号 LD39100PU33R
部品情報  1 A, low quiescent current, low noise voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU33R データシート(HTML) 3 Page - STMicroelectronics

  LD39100PU33R Datasheet HTML 1Page - STMicroelectronics LD39100PU33R Datasheet HTML 2Page - STMicroelectronics LD39100PU33R Datasheet HTML 3Page - STMicroelectronics LD39100PU33R Datasheet HTML 4Page - STMicroelectronics LD39100PU33R Datasheet HTML 5Page - STMicroelectronics LD39100PU33R Datasheet HTML 6Page - STMicroelectronics LD39100PU33R Datasheet HTML 7Page - STMicroelectronics LD39100PU33R Datasheet HTML 8Page - STMicroelectronics LD39100PU33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LD39100XX, LD39100XX12, LD39100XX25
Circuit schematics
Doc ID 15676 Rev 2
3/24
1
Circuit schematics
Figure 1.
Schematic diagram for the LD39100PU
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
ADJ
EN
BandGap
reference
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
IN
ADJ
EN
BandGap
reference
Figure 2.
Schematic diagram for the LD39100PUxx
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
NC
EN
BandGap
reference
R
1
R
2
Current
limit
Thermal
protection
OUT
GND
OpAmp
IN
Power-good
signal
PG
Internal
enable
IN
IN
NC
EN
BandGap
reference
R
1
R
2


同様の部品番号 - LD39100PU33R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD39100PU33R STMICROELECTRONICS-LD39100PU33R Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PU33RY STMICROELECTRONICS-LD39100PU33RY Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
More results

同様の説明 - LD39100PU33R

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LD39100 STMICROELECTRONICS-LD39100 Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com