データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-TDR029V1 データシート(PDF) 2 Page - STMicroelectronics

部品番号 STEVAL-TDR029V1
部品情報  RF power amplifier demonstration board based on the STAC2942B
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR029V1 データシート(HTML) 2 Page - STMicroelectronics

  STEVAL-TDR029V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Contents
STEVAL-TDR029V1
2/10
Doc ID 17470 Rev 1
Contents
1
Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Circuit layout and connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
4
STAC2942B mounting recommendations . . . . . . . . . . . . . . . . . . . . . . . . 5
4.1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4.2
Heat sink selection and preparation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4.3
Surface conditions of the mounting base . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4.4
Thermal interface material . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4.5
Seating plane . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4.6
Printed circuit board (PCB) considerations . . . . . . . . . . . . . . . . . . . . . . . . 7
4.7
Package attachment to thermal base . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4.7.1
Hardware: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
4.7.2
Procedure: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.8
Electrical connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.9
Conclusion . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9


同様の部品番号 - STEVAL-TDR029V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
More results

同様の説明 - STEVAL-TDR029V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-TDR028V1 STMICROELECTRONICS-STEVAL-TDR028V1 Datasheet
169Kb / 11P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
CCA040V1 STMICROELECTRONICS-CCA040V1 Datasheet
248Kb / 6P
   4X10 Watt dual/quad power amplifier demonstration board based on the STA540SAN
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
   Class G capless headphone amplifier demonstration board based on the TS4621E
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com