データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBXDPA018 データシート(PDF) 4 Page - ON Semiconductor

部品番号 NBXDPA018
部品情報  2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXDPA018 データシート(HTML) 4 Page - ON Semiconductor

  NBXDPA018 Datasheet HTML 1Page - ON Semiconductor NBXDPA018 Datasheet HTML 2Page - ON Semiconductor NBXDPA018 Datasheet HTML 3Page - ON Semiconductor NBXDPA018 Datasheet HTML 4Page - ON Semiconductor NBXDPA018 Datasheet HTML 5Page - ON Semiconductor NBXDPA018 Datasheet HTML 6Page - ON Semiconductor NBXDPA018 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NBXDPA018
http://onsemi.com
4
Table 7. AC CHARACTERISTICS (VDD = 2.5 V ± 5% or VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 4)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
fCLKOUT
Output Clock Frequency
FSEL = HIGH
155.52
MHz
FSEL = LOW
311.04
Df
Frequency Stability − NBXDPA018
(Note 5)
±50
ppm
FNOISE
Phase−Noise Performance
100 Hz of Carrier
−103/−107
dBc/Hz
fCLKout = 155.52 MHz/311.04 MHz
(See Figures 3 and 4)
1 kHz of Carrier
−120/−114
dBc/Hz
10 kHz of Carrier
−127/−122
dBc/Hz
100 kHz of Carrier
−128/−122
dBc/Hz
1 MHz of Carrier
−135/−129
dBc/Hz
10 MHz of Carrier
−158/−154
dBc/Hz
tjit(F)
RMS Phase Jitter
12 kHz to 20 MHz
0.5
0.75
ps
tjitter
Cycle to Cycle, RMS
1000 Cycles
4
8
ps
Cycle to Cycle, Peak−to−Peak
1000 Cycles
16
35
ps
Period, RMS
10,000 Cycles
2
4
ps
Period, Peak−to−Peak
10,000 Cycles
11
20
ps
tOE/OD
Output Enable/Disable Time
200
ns
tDUTY_CYCLE
Output Clock Duty Cycle
(Measured at Cross Point)
48
50
52
%
tR
Output Rise Time (20% and 80%)
115
400
ps
tF
Output Fall Time (80% and 20%)
115
400
ps
tstart
Start−up Time
1
5
ms
Aging
1st Year
3
ppm
Every Year After 1st
1
ppm
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. Measurement taken with outputs terminated with 100 ohm across differential pair. See Figure 5.
5. Parameter guarantees 10 years of aging. Includes initial stability at 25°C, shock, vibration and first year aging.


同様の部品番号 - NBXDPA018

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018LN1TAG ONSEMI-NBXDPA018LN1TAG Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018LNHTAG ONSEMI-NBXDPA018LNHTAG Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com