データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBXSBA025LN1TAG データシート(PDF) 3 Page - ON Semiconductor

部品番号 NBXSBA025LN1TAG
部品情報  2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA025LN1TAG データシート(HTML) 3 Page - ON Semiconductor

  NBXSBA025LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXSBA025LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NBXSBA025
http://onsemi.com
3
Table 5. DC CHARACTERISTICS (VDD = 2.5 V ± 5%, 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 2)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
IDD
Power Supply Current
95
105
mA
VIH
OE Input HIGH Voltage
2000
VDD
mV
VIL
OE Input LOW Voltage
GND − 300
800
mV
IIH
Input HIGH Current
OE
−100
+100
mA
IIL
Input LOW Current
OE
−100
+100
mA
VOH
Output HIGH Voltage
VDD−1195
VDD−945
mV
VOL
Output LOW Voltage
VDD−1945
VDD−1600
mV
VOUTPP
Output Voltage Amplitude
700
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Measurement taken with outputs terminated with 50 W to VDD − 2.0 V. See Figure 4.
Table 6. AC CHARACTERISTICS (VDD = 2.5 V ± 5%, 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 3)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
fCLKOUT
Output Clock Frequency
425.0000
MHz
Df
Frequency Stability
(Note 4)
±50
ppm
FNOISE
Phase−Noise Performance
fCLKout = 425.00 MHz
(See Figure 3)
100 Hz of Carrier
−97
dBc/Hz
1 kHz of Carrier
−112
dBc/Hz
10 kHz of Carrier
−118
dBc/Hz
100 kHz of Carrier
−120
dBc/Hz
1 MHz of Carrier
−126
dBc/Hz
10 MHz of Carrier
−153
dBc/Hz
tjit(F)
RMS Phase Jitter
12 kHz to 20 MHz
0.5
0.7
ps
tjitter
Cycle to Cycle, RMS
1000 Cycles
1.5
8
ps
Cycle to Cycle, Peak−to−Peak
1000 Cycles
9
30
ps
Period, RMS
10,000 Cycles
0.9
4
ps
Period, Peak−to−Peak
10,000 Cycles
7
20
ps
tOE/OD
Output Enable/Disable Time
200
ns
tDUTY_CYCLE
Output Clock Duty Cycle
(Measured at Cross Point)
48
50
52
%
tR
Output Rise Time (20% and 80%)
250
400
ps
tF
Output Fall Time (80% and 20%)
250
400
ps
tstart
Start−up Time
1
5
ms
Aging
1st Year
3
ppm
Every Year After 1st
1
ppm
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Measurement taken with outputs terminated with 50 W to VDD − 2.0 V. See Figure 4.
4. Parameter guarantee 10 years aging. Includes initial stability at 25°C, shock, vibration, and first year aging.


同様の部品番号 - NBXSBA025LN1TAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBXSBA025LN1TAG ONSEMI-NBXSBA025LN1TAG Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com