データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S9012-I データシート(PDF) 1 Page - Micro Commercial Components

部品番号 S9012-I
部品情報  PNP Silicon Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S9012-I データシート(HTML) 1 Page - Micro Commercial Components

  S9012-I Datasheet HTML 1Page - Micro Commercial Components S9012-I Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP Silicon
Transistors
TO-92
Features
TO-92 Plastic-Encapsulate Transistors
Capable of 0.625Watts(Tamb=25
OC) of Power Dissipation.
Collector-current 0.5A
Collector-base Voltage 40V
Operating and storage junction temperature range: -55
OC to +150OC
Marking : S9012
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
40
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=0.1mAdc, IB=0)
25
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=100uAdc, IC=0)
5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=40Vdc, IE=0)
---
0.1
uAdc
ICEO
Collector Cutoff Current
(VCE=20Vdc, IB=0)
---
0.2
uAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
0.1
uAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=1mAdc, VCE=4.0Vdc)
64
400
---
hFE(2)
DC Current Gain
(IC=500mAdc, VCE=1.0Vdc)
40
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
0.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=500mAdc, IB=50mAdc)
---
1.2
Vdc
VEB
Base- Emitter Voltage
(IE=100mAdc)
---
1.4
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=20mAdc, VCE=6.0Vdc, f=30MHz)
150
---
MHz
CLASSIFICATION OF HFE (1)
Rank
G
H
I
Range
112 -166
144 -202
190 -300
E
B
C
A
E
B
C
D
G
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.170
.190
4.33
4.83
B
.170
.190
4.30
4.83
C
.550
.590
13.97
14.97
D
.010
.020
0.36
0.56
E
.130
.160
3.30
3.96
G
.0
96
.104
2.44
2.64
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
S9012
-I
S9012
-H
S9012
-G
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


同様の部品番号 - S9012-I

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G_13 Datasheet
183Kb / 2P
   PNP Silicon Transistors
logo
DONGGUAN YOU FENG WEI E...
S9012-H YFWDIODE-S9012-H Datasheet
547Kb / 3P
   PNP Transistors
S9012-J YFWDIODE-S9012-J Datasheet
547Kb / 3P
   PNP Transistors
S9012-L YFWDIODE-S9012-L Datasheet
547Kb / 3P
   PNP Transistors
logo
Jiangsu High diode Semi...
S9012-SOT-23 HDSEMI-S9012-SOT-23 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results

同様の説明 - S9012-I

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com