データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT43W データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BAT43W
部品情報  Schottky Barrier Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT43W データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAT43W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT43W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAT43W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BL Galaxy Electrical
Production specification
Schottky Barrier Diode
BAT42W-BAT43W
Document number: BL/SSSKA007
www.galaxycn.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=100μA
30
V
VF
IF=200mA
1.0
V
VF
IF=10mA
0.4
V
VF
IF=50mA
0.65
V
VF
IF=2mA
0.26
0.33
V
Forward voltage
ALL types
BAT42W
BAT42W
BAT43W
BAT43W
VF
IF=15mA
0.45
V
Reverse current
IR
VR=25V
0.5
μA
Reverse recovery time
trr
IF=IR=10mA
Irr=0.1*IR RL=100Ω
5.0
ns
Capacitance between terminals
CT
VR=1V,f=1MHz
10
pF
PACKAGE OUTLINE
Plastic surface mounted package
SOD-123
SOD-123
Dim
Min
Max
A
1.4
1.8
B
2.55
2.85
C
1.15 Typical
D
0.5
0.6
E
0.3
0.4
H
0.02
0.10
J
0.1 Typical
K
3.55
3.85
All Dimensions in mm
K
J
H
E
D
C
A
B


同様の部品番号 - BAT43W

メーカー部品番号データシート部品情報
logo
Sangdest Microelectroni...
BAT43W SMC-BAT43W Datasheet
179Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
61Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
SHENZHEN SLS TECHNOLOGY...
BAT43W SHENZHENSLS-BAT43W Datasheet
347Kb / 2P
   Plastic-Encapsulate Diodes
logo
Tak Cheong Electronics ...
BAT43W TAK_CHEONG-BAT43W Datasheet
124Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
logo
Pan Jit International I...
BAT43W PANJIT-BAT43W Datasheet
78Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

同様の説明 - BAT43W

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com