データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32614E データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL32614E
部品情報  짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32614E データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL32614E Datasheet HTML 3Page - Intersil Corporation ISL32614E Datasheet HTML 4Page - Intersil Corporation ISL32614E Datasheet HTML 5Page - Intersil Corporation ISL32614E Datasheet HTML 6Page - Intersil Corporation ISL32614E Datasheet HTML 7Page - Intersil Corporation ISL32614E Datasheet HTML 8Page - Intersil Corporation ISL32614E Datasheet HTML 9Page - Intersil Corporation ISL32614E Datasheet HTML 10Page - Intersil Corporation ISL32614E Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ISL32613E, ISL32614E
9
FN7906.0
August 30, 2011
FIGURE 10. ISL32613E DRIVER WAVEFORMS, LOW TO HIGH
FIGURE 11. ISL32614E DRIVER WAVEFORMS, HIGH TO LOW
FIGURE 12. ISL32614E DRIVER WAVEFORMS, LOW TO HIGH
FIGURE 13. ISL32614E DRIVER WAVEFORMS, HIGH TO LOW
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
PROCESS:
Si Gate BiCMOS
Typical Performance Curves V
CC = 1.8V, TA = +25°C; Unless Otherwise Specified. (Continued)
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (1µs/DIV)
RD = 10kΩ, CD = 50pF
0
2
DI
Y - Z
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (1µs/DIV)
RD = 10kΩ, CD = 50pF
0
2
DI
Y - Z
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (400ns/DIV)
RD = 10kΩ, CD = 50pF
0
2
DI
Y - Z
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (400ns/DIV)
RD = 10kΩ, CD = 50pF
0
2
DI
Y - Z


同様の部品番号 - ISL32614E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32614E INTERSIL-ISL32614E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL32614E RENESAS-ISL32614E Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32614EFHZ-T RENESAS-ISL32614EFHZ-T Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
ISL32614EFHZ-T7A RENESAS-ISL32614EFHZ-T7A Datasheet
687Kb / 12P
   ±16.5kV ESD Protected, 125°C, 1.8V to 3.6V, Low Power, SOT-23,
Sep 27, 2019
More results

同様の説明 - ISL32614E

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL32610E RENESAS-ISL32610E Datasheet
791Kb / 12P
   짹16.5kV ESD Protected, 1.8V, Micro Power, 125째C, 1/8 Unit Load, RS-485/RS- 422 Differential Receivers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
   짹5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
   짹15KV ESD protected, low power RS-485/RS-422 transceiver
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
   짹15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com