データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL26134AVZ-T7A データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL26134AVZ-T7A
部品情報  Low-Noise 24-bit Delta Sigma ADC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL26134AVZ-T7A データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL26134AVZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL26134AVZ-T7A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ISL26132, ISL26134
10
FN6954.1
September 9, 2011
FIGURE 14. NOISE AT GAIN = 64, 80Sps
FIGURE 15. NOISE HISTOGRAM AT GAIN = 64, 80Sps
FIGURE 16. NOISE AT GAIN = 128, 80Sps
FIGURE 17. NOISE HISTOGRAM AT GAIN = 128, 80Sps
FIGURE 18. ANALOG CURRENT vs TEMPERATURE
FIGURE 19. DIGITAL CURRENT vs TEMPERATURE
Typical Characteristics (Continued)
-100
-50
0
50
100
0
200
400
600
800
1000
GAIN = 64
RATE = 80Sps
TIME (SAMPLES)
0
10
20
30
40
50
-40 -35 -30 -25 -20 -15 -10 -5 0
5 101520 2530 3540
OUTPUT CODE (LSB)
GAIN = 64, N = 1024
RATE = 80Sps
STD DEV = 12.15 LSB
VREF = 2.5V
-200
-160
-120
-80
-40
0
40
80
120
160
0
200
400
600
800
1000
GAIN = 128
RATE = 80Sps
TIME (SAMPLES)
0
5
10
15
20
25
30
-80
-60
-40
-20
0
20
40
60
80
OUTPUT CODE (LSB)
GAIN = 128, N = 1024
RATE = 80Sps
STD DEV = 23.215 LSB
VREF = 2.5V
0
2
4
6
8
10
-40
-10
20
50
80
110
TEMPERATURE (°C)
NORMAL MODE, PGA = 64.128
NORMAL MODE, PGA = 1, 2
1
10
100
1000
10000
-40
-10
20
50
80
110
TEMPERATURE (°C)
NORMAL MODE, ALL PGA GAINS
POWERDOWN MODE


同様の部品番号 - ISL26134AVZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26134AVZ-T7A INTERSIL-ISL26134AVZ-T7A Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Renesas Technology Corp
ISL26134AVZ-T7A RENESAS-ISL26134AVZ-T7A Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
More results

同様の説明 - ISL26134AVZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Renesas Technology Corp
ISL26102 RENESAS-ISL26102 Datasheet
1Mb / 21P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
   Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
Analog Devices
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731 Datasheet
411Kb / 44P
   Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. 0
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com