データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23428WFRUZ-T7A データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL23428WFRUZ-T7A
部品情報  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428WFRUZ-T7A データシート(HTML) 1 Page - Intersil Corporation

  ISL23428WFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23428WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
Dual, 128-Tap, Low Voltage Digitally Controlled
Potentiometer (XDCP™)
ISL23428
The ISL23428 is a volatile, low voltage, low noise, low power,
128-tap, dual digitally controlled potentiometer (DCP) with an
SPI Bus™ interface. It integrates two DCP cores, wiper switches
and control logic on a monolithic CMOS integrated circuit.
Each digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
SPI bus interface. Each potentiometer has an associated
volatile Wiper Register (WRi, i = 0, 1) that can be directly written
to and read by the user. The contents of the WRi controls the
position of the wiper. When powered on, the wiper of each DCP
will always commence at mid-scale (64 tap position).
The low voltage, low power consumption, and small package
of the ISL23428 make it an ideal choice for use in battery
operated equipment. In addition, the ISL23428 has a VLOGIC
pin allowing down to 1.2V bus operation, independent from the
VCC value. This allows for low logic levels to be connected
directly to the ISL23428 without passing through a voltage
level shifter.
The DCP can be used as a three-terminal potentiometer or as a
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal processing.
Applications
• Power supply margining
• Trimming sensor circuits
• Gain adjustment in battery powered instruments
• RF power amplifier bias compensation
Features
• Two potentiometers per package
•128 resistor taps
•10k
 50kor 100k total resistance
• SPI serial interface
- No additional level translator for low bus supply
- Daisy Chaining of multiple DCPs
•Power supply
-VCC = 1.7V to 5.5V analog power supply
-VLOGIC = 1.2V to 5.5V SPI bus/logic power supply
• Maximum supply current without serial bus activity
(standby)
- 4µA @ VCC and VLOGIC = 5V
- 1.7µA @ VCC and VLOGIC = 1.7V
•Shutdown Mode
- Forces the DCP into an end-to-end open circuit and RWi is
connected to RLi internally
- Reduces power consumption by disconnecting the DCP
resistor from the circuit
• Wiper resistance: 70
 typical @ VCC = 3.3V
• Power-on preset to mid-scale (64 tap position)
• Extended industrial temperature range: -40°C to +125°C
• 14 Ld TSSOP or 16 Ld UTQFN packages
• Pb-free (RoHS compliant)
FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP
POSITION, 10kΩ DCP
FIGURE 2. VREF ADJUSTMENT
0
2000
4000
6000
8000
10000
032
64
96
128
TAP POSITION (DECIMAL)
VREF_M
ISL28114
ISL23428
+
-
VREF
RL
RW
RH
August 25, 2011
FN7904.0


同様の部品番号 - ISL23428WFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23428WFRUZ-T7A INTERSIL-ISL23428WFRUZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428WFRUZ-T7A RENESAS-ISL23428WFRUZ-T7A Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23428WFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com