データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5375B データシート(PDF) 2 Page - Diotec Semiconductor

部品番号 1N5375B
部品情報  Silicon-Power-Zener Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTEC [Diotec Semiconductor]
ホームページ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N5375B データシート(HTML) 2 Page - Diotec Semiconductor

  1N5375B Datasheet HTML 1Page - Diotec Semiconductor 1N5375B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5345B ... 1N5388B (5 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Mess-Strom
Dynamic resistance
Diff. Widerstand
IZ = IZtest
IZ = 1 mA
Reverse volt.
Sperrspanng.
IR = 1 μA
Surge current
Stoßstrom
tp = 8.3 ms
Z-current 1)
Z-Strom 1)
TA = 50°C
VZ [V]
IZtest [mA]
rzj [Ω]
VR [V]
IZS [A]
IZmax [mA]
1N5345B
8.7
150
2
200
> 6.6 (10µA)
9.5
546
1N5346B
9.1
150
2
150
> 6.9 (7.5µA)
9.2
522
1N5347B
10
125
2
125
> 7.6 (5µA)
8.6
475
1N5348B
11
125
2.5
125
> 8.4 (5µA)
8.0
432
1N5349B
12
100
2.5
125
> 9.1 (2µA)
7.5
396
1N5350B
13
100
2.5
100
> 9.9 (1µA)
7.0
365
1N5351B
14
100
2.5
75
> 10.6 (1µA)
6.7
339
1N5352B
15
75
2.5
75
> 11.5 (1µA)
6.3
317
1N5353B
16
75
2.5
75
> 12.2 (1µA)
6.0
297
1N5354B
17
70
2.5
75
> 12.9
5.8
279
1N5355B
18
65
2.5
75
> 13.7
5.5
264
1N5356B
19
65
3
75
> 14.4
5.3
250
1N5357B
20
65
3
75
> 15.2
5.1
238
1N5358B
22
50
3.5
75
> 16.7
4.7
216
1N5359B
24
50
3.5
100
> 18.2
4.4
198
1N5360B
25
50
4
110
> 19.0
4.3
190
1N5361B
27
50
5
120
> 20.6
4.1
176
1N5362B
28
50
6
130
> 21.2
3.9
170
1N5363B
30
40
8
140
> 22.8
3.7
158
1N5364B
33
40
10
150
> 25.1
3.5
144
1N5365B
36
30
11
160
> 27.4
3.3
132
1N5366B
39
30
14
170
> 29.7
3.1
122
1N5367B
43
30
20
190
> 32.7
2.8
110
1N5368B
47
25
25
210
> 35.8
2.7
101
1N5369B
51
25
27
230
> 38.8
2.5
93
1N5370B
56
20
35
280
> 42.6
2.3
85
1N5371B
60
20
40
350
> 45.5
2.2
79
1N5372B
62
20
42
400
> 47.1
2.1
77
1N5373B
68
20
44
500
> 51.7
2.0
70
1N5374B
75
20
45
620
> 56.0
1.9
63
1N5375B
82
15
65
720
> 62.2
1.8
58
1N5376B
87
15
75
760
> 66.0
1.7
55
1N5377B
91
15
75
760
> 69.2
1.6
52
1N5378B
100
12
90
800
> 76.0
1.5
48
1N5379B
110
12
125
1000
> 83.6
1.4
43
1N5380B
120
10
170
1150
> 91.2
1.3
40
1N5381B
130
10
190
1250
> 98.8
1.2
37
1N5382B
140
8
230
1500
> 106
1.2
34
1N5383B
150
8
330
1500
> 114
1.1
32
1N5384B
160
8
350
1650
> 122
1.1
30
1N5385B
170
8
380
1750
> 129
1.0
28
1N5386B
180
5
430
1750
> 137
1.0
26
1N5387B
190
5
450
1850
> 144
0.9
25
1N5388B
200
5
480
1850
> 152
0.9
24
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


同様の部品番号 - 1N5375B

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
1N5375B NJSEMI-1N5375B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5375B MOTOROLA-1N5375B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Diotec Semiconductor
1N5375B DIOTEC-1N5375B Datasheet
131Kb / 2P
   Zener Diodes
logo
Semikron International
1N5375B SEMIKRON-1N5375B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
New Jersey Semi-Conduct...
1N5375B NJSEMI-1N5375B Datasheet
168Kb / 1P
   DIODE
More results

同様の説明 - 1N5375B

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
ZPY1 DIOTEC-ZPY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_11 Datasheet
152Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
ZY1 DIOTEC-ZY1_15 Datasheet
142Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
3EZ1 DIOTEC-3EZ1_11 Datasheet
84Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
1N5345B DIOTEC-1N5345B_07 Datasheet
91Kb / 2P
   Silicon-Power-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com