データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMZ43 データシート(PDF) 3 Page - Diotec Semiconductor

部品番号 SMZ43
部品情報  Surface Mount Silicon-Zener Diodes (non-planar technology)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTEC [Diotec Semiconductor]
ホームページ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SMZ43 データシート(HTML) 3 Page - Diotec Semiconductor

  SMZ43 Datasheet HTML 1Page - Diotec Semiconductor SMZ43 Datasheet HTML 2Page - Diotec Semiconductor SMZ43 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMZ1 ... SMZ200 (2 W)
© Diotec Semiconductor AG
http://www.diotec.com/
3
120
100
80
60
40
20
0
[%]
P
tot
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
30a-(1a-1.1v)
[pF]
[V]
C
j
V
Z
T = 25°C
f = 1.0 MHz
j
V = 0V
R
V = 4V
R
V = 20V
R
V = 40V
R
Junction capacitance vs. zener voltage (typical)
Sperrschichtkapazität in Abh. v.d. Zenerspg. (typ.)
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
50
150
0
100
I
Z
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen
5,6
6,2
6,8
7,5
8,2
9,1
I
ZT
I
Zmax
1
T = 25°C
j
I = 5 mA
Z
10
18
24
30
36
43
51
62
56
68
75
82
91
100
T = 25°C
j
I
ZT
I
Zmax
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen


同様の部品番号 - SMZ43

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
SMZ43 DIOTEC-SMZ43 Datasheet
55Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ43 DIOTEC-SMZ43 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SMZ43 SEMIKRON-SMZ43 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
SMZ43 LUGUANG-SMZ43 Datasheet
143Kb / 2P
   Surface mount Silicon-Zener Diodes
logo
Diotec Semiconductor
SMZ43 DIOTEC-SMZ43 Datasheet
187Kb / 3P
   SMD Zener Diodes
More results

同様の説明 - SMZ43

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_10 Datasheet
101Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C10B DIOTEC-SZ3C10B Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com