データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2803 データシート(PDF) 1 Page - Sanken electric

部品番号 2SK2803
部品情報  MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK2803 データシート(HTML) 1 Page - Sanken electric

  2SK2803_05 Datasheet HTML 1Page - Sanken electric 2SK2803_05 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39
2SK2803
VGS =0V
f =1MHz
Ciss
Coss
Crss
VGS =10V
ID =1.5A
010
15
520
3.0
2.0
1.0
0
VDS (V)
VGS =10V
0
0
12
3
1
2
3
4
ID (A)
0.05
0.3
0.1
0.5
1.0
3.0
0.5
1
5
ID (A)
3
0.03
0.05
5
10
50 100
500
0.1
0.5
1
5
10
20
(TC =25
°C)
VDS (V)
—50
0
050
100
150
1
2
3
4
5
Tc (ºC)
0
0
0.5
1.0
1.5
1
2
3
VGS =0V
5V,10V
VSD (V)
1.0
0
2.0
3.0
02
4
6
8
VGS (V)
VDS = 20V
25
°C
125
°C
TC = – 55
°C
VDS=20V
25
°C
– 55
°C
TC =125
°C
5.5V
5V
4.5V
VGS = 4V
10V
6V
35
20
0
4
6
8
10
VGS (V)
2
10
ID =1.5A
ID =3A
0
10
10
20
30
40
50
50
100
500
1000
VDS (V)
ID (pulse) max
ID max
1ms
10ms
(1shot
)
100
µs
DC
OPERATION
LIMITED
RDS
(ON)
Ta (ºC)
0
10
20
30
0
50
100
150
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
450
V(BR) DSS
450
V
ID = 100
µA, VGS = 0V
V
VGSS
±30
IGSS
±100
nA
VGS =
±30V
V
ID
±3
IDSS
100
µAVDS = 450V, VGS = 0V
A
ID (pulse)
±12
(Ta = 25ºC)
(Ta = 25ºC)
VTH
2.0
4.0
V
VDS = 10V, ID = 1mA
A
PD
30 (Tc = 25ºC)
Re (yfs)
1.5
2.1
S
VDS = 20V, ID = 1.5A
W
EAS
30
RDS (on)
2.1
2.8
1.4
VGS = 10V, ID = 1.5A
ISD = 3A, VGS = 0V
mJ
Tch
150
Ciss
340
pF
VDS = 10V, f = 1.0MHz,
VGS = 0V
ºC
IAS
3
A
Tstg
–55 to +150
Coss
75
pF
Crss
26
pF
ºC
t d (on)
18
ns
t r
t d (off)
t f
VSD
30
ns
45
ns
85
ns
0.9
V
Symbol
Unit
Conditions
Ratings
typ
max
min
*2
*1
External dimensions 1 ...... FM20
*
1: PW
100
µs, duty cycle 1%
*
2: VDD = 30V, L = 6.3mH, IL = 3.0A, unclamped, RG = 50
Ω,
See Figure 1 on Page 5.
ID = 1.5A, VDD
200V,
RL = 133
Ω, VGS = 10V,
See Figure 2 on Page 5.
Without heatsink
ID – VDS Characteristics (typical)
Re (yfs) – ID Characteristics (typical)
Capacitance – VDS Characteristics (typical)
IDR – VSD Characteristics (typical)
PD – Ta Characteristics
Safe Operating Area
VDS – VGS Characteristics (typical)
RDS(ON) – TC Characteristics (typical)
ID – VGS Characteristics (typical)
RDS(ON) – ID Characteristics (typical)


同様の部品番号 - 2SK2803_05

メーカー部品番号データシート部品情報
logo
Sanken electric
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
53Kb / 2P
   MOSFET
logo
Inchange Semiconductor ...
2SK2803 ISC-2SK2803 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK2803_05

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com