データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT54A データシート(PDF) 2 Page - Diotec Semiconductor

部品番号 BAT54A
部品情報  Surface Mount Schottky Barrier Single/Dual Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIOTEC [Diotec Semiconductor]
ホームページ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAT54A データシート(HTML) 2 Page - Diotec Semiconductor

  BAT54A Datasheet HTML 1Page - Diotec Semiconductor BAT54A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAT54
Pinning – Anschlussbelegung
Marking – Stempelung
Single diode
einzelne Diode
1 = A
2 = n.c.
3 = C
BAT54 = L4
Dual diode, series connection
Doppeldiode, Reihenschaltung
1 = A1
2 = C2
3 = C1/A2
BAT54S = L44
Dual diode, common cathode
Doppeldiode, gemeinsame Kathode
1 = A1
2 = A2 3 = C1/C2
BAT54C = L43
Dual diode, common anode
Doppeldiode, gemeinsame Anode
1 = C1
2 = C2
3 = A1/A2
BAT54A = L42
1
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
2
1
3
2
3
1
2
1
3
2
1
3
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1
1
10
10
-1
-4
10
10
-2
-3
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 25°C
j


同様の部品番号 - BAT54A

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
KEC(Korea Electronics)
BAT54A KEC-BAT54A Datasheet
29Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE
logo
Comchip Technology
BAT54A COMCHIP-BAT54A Datasheet
102Kb / 2P
   Surface Mount Schottky Diode
logo
Shanghai Yint Electroni...
BAT54A YINT-BAT54A Datasheet
389Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

同様の説明 - BAT54A

メーカー部品番号データシート部品情報
logo
Diotec Semiconductor
BAS70 DIOTEC-BAS70_10 Datasheet
149Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
logo
Pan Jit International I...
SD103AW-TA PANJIT-SD103AW-TA Datasheet
245Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
SD103AW-TA PANJIT-SD103AW-TA_15 Datasheet
136Kb / 5P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Diotec Semiconductor
BAT54 DIOTEC-BAT54 Datasheet
262Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
BAS40 DIOTEC-BAS40_15 Datasheet
153Kb / 2P
   Surface Mount Schottky Barrier Single/Double Diodes
BAS40 DIOTEC-BAS40_05 Datasheet
143Kb / 2P
   Surface Mount Schottky Barrier Single/Double Diodes
BAS70 DIOTEC-BAS70 Datasheet
76Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
BAS40 DIOTEC-BAS40 Datasheet
248Kb / 2P
   Surface mount Schottky-Barrier Single-/ Double-Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HMPS-2820 AVAGO-HMPS-2820 Datasheet
497Kb / 8P
   MiniPak Surface Mount RF Schottky Barrier Diodes Single and dual versions
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com