データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM79L05 データシート(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM79L05
部品情報  3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM79L05 データシート(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM79L05 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM79L05 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
LM79LXX
Jan. 2011 - Rev.1.1.1
- 3
-
HTC
Ordering Information (Continued)
VOUT
Package
Order No.
Description
Supplied As
Status
LM79L18
0.1A, Negative
Bulk
Active
TO-92
LM79L18TA
0.1A, Negative
Taping
Active
18V
SOT-89
LM79L18F
0.1A, Negative
Reel
Active
LM79L24
0.1A, Negative
Bulk
Active
TO-92
LM79L24TA
0.1A, Negative
Taping
Active
24V
SOT-89
LM79L24F
0.1A, Negative
Reel
Active
LM
Package Type
Root Name
Product Code
Output Voltage (V) : 05 / 06 / 08 / 09 / 12 / 15 / 18 / 24
Blank
TA
F
: TO-92 (Bulk)
: TO-92 (Taping)
: SOT-89
79L XX


同様の部品番号 - LM79L05

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
LM79L05 BOCA-LM79L05 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L05 FCI-LM79L05 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L05 ETC1-LM79L05 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
Guangdong Kexin Industr...
LM79L05 KEXIN-LM79L05 Datasheet
63Kb / 1P
   Three-terminal negative voltage regulator
logo
Shenzhen Jin Yu Semicon...
LM79L05 HTSEMI-LM79L05 Datasheet
934Kb / 2P
   Three-terminal negative voltage regulator
More results

同様の説明 - LM79L05

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_02 Datasheet
82Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_11 Datasheet
223Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
79LXX UTC-79LXX_15 Datasheet
250Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79LXXA FAIRCHILD-MC79LXXA Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Boca Semiconductor Corp...
KA79LXXA BOCA-KA79LXXA Datasheet
75Kb / 12P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
79LXX UTC-79LXX_10 Datasheet
224Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
79LXX ETL-79LXX Datasheet
222Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA_07 Datasheet
73Kb / 14P
   3-Terminal 0.1A Negative Voltage Regulator
MC79LXXA FAIRCHILD-MC79LXXA_10 Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
logo
Unisonic Technologies
79LXX UTC-79LXX_17 Datasheet
205Kb / 8P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com